전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2157FN 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TA2157FN
상세설명  Digital Servo Head Amp for CD System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2157FN 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TA2157FN Datasheet HTML 3Page - Toshiba Semiconductor TA2157FN Datasheet HTML 4Page - Toshiba Semiconductor TA2157FN Datasheet HTML 5Page - Toshiba Semiconductor TA2157FN Datasheet HTML 6Page - Toshiba Semiconductor TA2157FN Datasheet HTML 7Page - Toshiba Semiconductor TA2157FN Datasheet HTML 8Page - Toshiba Semiconductor TA2157FN Datasheet HTML 9Page - Toshiba Semiconductor TA2157FN Datasheet HTML 10Page - Toshiba Semiconductor TA2157FN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TA2157F/FN
2002-11-21
7
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
5
V
TA2157F
600
Power dissipation
TA2157FN
PD
500
mW
Operating temperature
Topr
-40 ~ +85
°C
Storage temperature
Tstg
-55 ~ +150
°C
Note 1: TA2157F: Derated above 25
°C in the proportion 4.76 mW/°C.
TA2157FN: Derated above 25
°C in the proportion 4 mW/°C.
Electrical Characteristics (unless otherwise specified, VCC
==== 3.3 V, VRO ==== 1.65 V, Ta ==== 25°°°°C,
RFGC
==== VRO, GVSW ==== VCC)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Assured power supply
voltage
VCC
¾
¾
3.0
3.3
3.6
V
Power supply current
(normal mode)
ICC1
GVSW
= VCC
13
19
25
Power
supply
Power supply current
(CD-RW mode)
ICC2
¾
SEL
= HiZ
TEBC
= HiZ
RFGC
= HiZ
GVSW
= GND
12
18
24
mA
Reference voltage
VRO
¾
When VCC = 3.3 V
1.55
1.65
1.75
V
Output current
IOH
DV = -0.1 V
3
¾
¾
Reference
voltage
Input current
IOL
¾
DV = +0.1 V
3
¾
¾
mA
Voltage gain
GVAPC
¾
f
= 1 kHz
¾
200
¾
V/V
Operating reference
voltage
VMDI
¾
VLDO = VCC - 1.3 V
170
178
186
mV
LD off voltage
VLDOP
¾
VCC reference, SEL = GND
-0.75
-0.7
¾
V
APC
MD
® LDO
Input bias current
IIAPC
¾
VMDI = 178 mV
-200
-50
0
nA
Transfer resistance 1
(normal mode)
Rt1RF
GVSW
= VCC
74
85
95
Transfer resistance 2
(CD-RW mode)
Rt2RF
¾
f
= 100 kHz
Rf
= 12 kW
GVSW
= GND
325
370
414
k
W
Frequency characteristic 1
(normal mode)
fC1RF
GVSW
= VCC
¾
13
¾
Frequency characteristic 2
(CD-RW mode)
fC2RF
¾
-3dB point
Rf
= 12 kW
GVSW
= GND
¾
8
¾
MHz
Output slew rate
SRRF
¾
CRFO = 20 pF
¾
35
¾
V/
ms
Upper limit output voltage
VOHRF
2.2
2.4
¾
Lower limit output voltage
VOLRF
¾
GND reference
¾
0.2
0.4
V
RF
FPI (FNI)
® RFO
Permissive load resistance
RLMRF
¾
¾
5
10
¾
k
W


유사한 부품 번호 - TA2157FN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
More results

유사한 설명 - TA2157FN

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F_02 Datasheet
206Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com