전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7291AP 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TA7291AP
상세설명  Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291AP 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TA7291AP Datasheet HTML 2Page - Toshiba Semiconductor TA7291AP Datasheet HTML 3Page - Toshiba Semiconductor TA7291AP Datasheet HTML 4Page - Toshiba Semiconductor TA7291AP Datasheet HTML 5Page - Toshiba Semiconductor TA7291AP Datasheet HTML 6Page - Toshiba Semiconductor TA7291AP Datasheet HTML 7Page - Toshiba Semiconductor TA7291AP Datasheet HTML 8Page - Toshiba Semiconductor TA7291AP Datasheet HTML 9Page - Toshiba Semiconductor TA7291AP Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TA7291AP/AS(J)/AF
2003-02-14
6
Test Circuit 3.
VSAT U-1, 2, 3 VSAT L-1, 2, 3 VSAT U-1’, 2’, 3’, 4’
Note 1: IOUT calibration is required to adjust specified values of test conditions by RL.
(IOUT = 0.2 A/0.4 A/0.5 A/1.0 A)
Note 2: The heat fin of the TA7291AF is connected to ground.
Test Circuit 4.
ILU, L
Note: The heat fin of the TA7291AF is connected to ground.
Test Circuit 5.
VF U-1, 2 VF L-1, 2
SW2
SW1
OUT1
4/8/5
10/3/13
2/7/4
TA7291AP/AS (J)/AF
5/9/7
6/1/9
OUT2
7/2/11
VS
V
1/5/1
V
8/6/15
OUT1
7/2/11
1/5/1
4/8/5
10/3/13
8/6/15
2/7/4
GND
VIN2
TA7291AP/AS (J)/AF
5/9/7
6/1/9
VIN1
SW2
OUT2
SW1
SW4
Vref
VS
V
V
SW3
OUT1
4/8/5
10/3/13
2/7/4
TA7291AP/AS (J)/AF
5/9/7
6/1/9
OUT2
7/2/11
VS
A
A
1/5/1
8/6/15
TA7291AP/TA7291AS (J)/TA7291AF


유사한 부품 번호 - TA7291AP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA7291F TOSHIBA-TA7291F Datasheet
441Kb / 13P
   BRIDGE DRIVER
TA7291F TOSHIBA-TA7291F Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291F/FG TOSHIBA-TA7291F/FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291FG TOSHIBA-TA7291FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291P TOSHIBA-TA7291P Datasheet
441Kb / 13P
   BRIDGE DRIVER
More results

유사한 설명 - TA7291AP

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com