전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC55V16256JI 데이터시트(HTML) 3 Page - Toshiba Semiconductor

부품명 TC55V16256JI
상세내용  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TC55V16256JI 데이터시트(HTML) 3 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 11 page
 3 / 11 page
background image
TC55V16256JI/FTI-12,-15
2002-01-07
3/11
DC RECOMMENDED OPERATING CONDITIONS (Ta
==== −−−−40° to 85°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage
2.0
VDD + 0.3**
V
VIL
Input Low Voltage
−0.3*
0.8
V
*:
−1.0 V with a pulse width of 20%・tRC min (4 ns max)
**: VDD + 1.0 V with a pulse width of 20%・tRC min (4 ns max)
DC CHARACTERISTICS (Ta
==== −−−−40° to 85°C, VDD ==== 3.3 V ±±±± 0.3 V)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage Current
(Except NU pin)
VIN = 0 to VDD
−1
1
µA
ILO
Output Leakage
Current
CE
= VIH or WE = VIL or OE = VIH,
VOUT = 0 to VDD
−1
1
µA
VIN = 0 to 0.8 V
−1
20
II (NU)
Input Current
(NU pin)
VIN = 0 to 0.2 V
−1
1
µA
IOH = −2 mA
2.4
VOH
Output High Voltage
IOH = −100 µA
VDD − 0.2
IOL = 2 mA
0.4
VOL
Output Low Voltage
IOL = 100 µA
0.2
V
tcycle = 12 ns
230
tcycle = 15 ns
200
tcycle = 20 ns
170
IDDO
Operating Current
CE
= VIL, IOUT = 0 mA,
OE
= VIH,
Other Input
= VIH/VIL
tcycle = 25 ns
150
mA
IDDS1
CE
= VIH, Other Input = VIH or VIL
55
IDDS2
Standby Current
CE
= VDD − 0.2 V, Other Input = VDD − 0.2 V or 0.2 V
10
mA
CAPACITANCE (Ta
==== 25°C, f ==== 1 .0 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
6
pF
CI/O
Input/Output Capacitance
VI/O = GND
8
pF
Note:
This parameter is periodically sampled and is not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn