전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC55VCM216ASTN40 데이터시트(HTML) 6 Page - Toshiba Semiconductor

부품명 TC55VCM216ASTN40
상세내용  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TC55VCM216ASTN40 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 14 page
 6 / 14 page
background image
TC55VCM216ASTN40,55
2002-07-04
6/14
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
==== −−−−40° to 85°C, VDD ==== 2.3 to 3.6 V)
READ CYCLE
TC55VCM216ASTN
40
55
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
55
70
tACC
Address Access Time
55
70
tCO1
Chip Enable(
1
CE
) Access Time
55
70
tCO2
Chip Enable(CE2) Access Time
55
70
tOE
Output Enable Access Time
30
35
tBA
Data Byte Control Access Time
55
70
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tBE
Data Byte Control Low to Output Active
5
5
tOD
Chip Enable High to Output High-Z
25
30
tODO
Output Enable High to Output High-Z
25
30
tBD
Data Byte Control High to Output High-Z
25
30
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55VCM216ASTN
40
55
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
55
70
tWP
Write Pulse Width
40
50
tCW
Chip Enable to End of Write
45
55
tBW
Data Byte Control to End of Write
45
55
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
25
30
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
25
30
tDH
Data Hold Time
0
0
ns
Note:
tOD, tODO, tBD and tODW are specified in time when an output becomes high impedance, and are not judged depending on
an output voltage level.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn