์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC58FVM62A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 52 Page - Toshiba Semiconductor

๋ถ€ํ’ˆ๋ช… TC58FVM62A
์ƒ์„ธ๋‚ด์šฉ  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  61 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TOSHIBA [Toshiba Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.semicon.toshiba.co.jp/eng
Logo 

TC58FVM62A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 52 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 61 page
 52 / 61 page
background image
TC58FVM6(T/B)2A(FT/XB)65
2003-01-29 52/61
(2) TC58FVM6B2A (bottom boot block)
BLOCK ADDRESS
BANK ADDRESS
ADDRESS RANGE
BANK
#
BLOCK
#
A21 A20 A19 A18 A17 A16 A15 A14 A13 A12
BYTE MODE
WORD MODE
BA0
L
L
L
L
L
L
L
L
L
L
000000h~001FFFh
000000h~000FFFh
BA1
L
L
L
L
L
L
L
L
L
H
002000h~003FFFh
001000h~001FFFh
BA2
L
L
L
L
L
L
L
L
H
L
004000h~005FFFh
002000h~002FFFh
BA3
L
L
L
L
L
L
L
L
H
H
006000h~007FFFh
003000h~003FFFh
BA4
L
L
L
L
L
L
L
H
L
L
008000h~009FFFh
004000h~004FFFh
BA5
L
L
L
L
L
L
L
H
L
H
00A000h~00BFFFh
005000h~005FFFh
BA6
L
L
L
L
L
L
L
H
H
L
00C000h~00DFFFh
006000h~006FFFh
BA7
L
L
L
L
L
L
L
H
H
H
00E000h~00FFFFh
007000h~007FFFh
BA8
L
L
L
L
L
L
H
*
*
*
010000h~01FFFFh
008000h~00FFFFh
BA9
L
L
L
L
L
H
L
*
*
*
020000h~02FFFFh
010000h~017FFFh
BA10
L
L
L
L
L
H
H
*
*
*
030000h~03FFFFh
018000h~01FFFFh
BA11
L
L
L
L
H
L
L
*
*
*
040000h~04FFFFh
020000h~027FFFh
BA12
L
L
L
L
H
L
H
*
*
*
050000h~05FFFFh
028000h~02FFFFh
BA13
L
L
L
L
H
H
L
*
*
*
060000h~06FFFFh
030000h~037FFFh
BA14
L
L
L
L
H
H
H
*
*
*
070000h~07FFFFh
038000h~03FFFFh
BA15
L
L
L
H
L
L
L
*
*
*
080000h~08FFFFh
040000h~047FFFh
BA16
L
L
L
H
L
L
H
*
*
*
090000h~09FFFFh
048000h~04FFFFh
BA17
L
L
L
H
L
H
L
*
*
*
0A0000h~0AFFFFh
050000h~057FFFh
BA18
L
L
L
H
L
H
H
*
*
*
0B0000h~0BFFFFh
058000h~05FFFFh
BA19
L
L
L
H
H
L
L
*
*
*
0C0000h~0CFFFFh
060000h~067FFFh
BA20
L
L
L
H
H
L
H
*
*
*
0D0000h~0DFFFFh
068000h~06FFFFh
BA21
L
L
L
H
H
H
L
*
*
*
0E0000h~0EFFFFh
070000h~077FFFh
BK0
BA22
L
L
L
H
H
H
H
*
*
*
0F0000h~0FFFFFh
078000h~07FFFFh
BA23
L
L
H
L
L
L
L
*
*
*
100000h~10FFFFh
080000h~087FFFh
BA24
L
L
H
L
L
L
H
*
*
*
110000h~11FFFFh
088000h~08FFFFh
BA25
L
L
H
L
L
H
L
*
*
*
120000h~12FFFFh
090000h~097FFFh
BA26
L
L
H
L
L
H
H
*
*
*
130000h~13FFFFh
098000h~09FFFFh
BA27
L
L
H
L
H
L
L
*
*
*
140000h~14FFFFh
0A0000h~0A7FFFh
BA28
L
L
H
L
H
L
H
*
*
*
150000h~15FFFFh
0A8000h~0AFFFFh
BA29
L
L
H
L
H
H
L
*
*
*
160000h~16FFFFh
0B0000h~0B7FFFh
BK1
BA30
L
L
H
L
H
H
H
*
*
*
170000h~17FFFFh
0B8000h~0BFFFFh


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn