์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC58FVM62A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Toshiba Semiconductor

๋ถ€ํ’ˆ๋ช… TC58FVM62A
์ƒ์„ธ๋‚ด์šฉ  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  61 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TOSHIBA [Toshiba Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.semicon.toshiba.co.jp/eng
Logo 

TC58FVM62A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Toshiba Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 61 page
 6 / 61 page
background image
TC58FVM6(T/B)2A(FT/XB)65
2003-01-29 6/61
COMMAND SEQUENCES
FIRST BUS
WRITE CYCLE
SECOND BUS
WRITE CYCLE
THIRD BUS
WRITE CYCLE
FOURTH BUS
WRITE CYCLE
FIFTH BUS
WRITE CYCLE
SIXTH BUS
WRITE CYCLE
COMMAND
SEQUENCE
BUS
WRITE
CYCLES
REQโ€™D
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Addr.
Data
Read/Reset
1
XXXh
F0h
Word
555h
2AAh
555h
Read/Reset
Byte
3
AAAh
AAh
555h
55h
AAAh
F0h
RA
(1)
RD
(2)
Word
555h
2AAh
BK
(3)
+
555h
ID Read
Byte
3
AAAh
AAh
555h
55h
BK
(3)
+
AAAh
90h
IA
(4)
ID
(5)
Word
555h
2AAh
555h
Auto-Program
Byte
4
AAAh
AAh
555h
55h
AAAh
A0h
PA
(6)
PD
(7)
Word
11
555h
2AAh
555h
Auto
PageProgram
Byte
19
AAAh
AAh
555h
55h
AAAh
E6h
PA
(6)
PD
(7)
PA
(6)
PD
(7)
PA
(6)
PD
(7)
Program Suspend
1
BK
(3)
B0h
Program Resume
1
BK
(3)
30h
Word
555h
2AAh
555h
555h
2AAh
555h
Auto Chip
Erase
Byte
6
AAAh
AAh
555h
55h
AAAh
80h
AAAh
AAh
555h
55h
AAAh
10h
Word
555h
2AAh
555h
555h
2AAh
Auto Block
Erase
Byte
6
AAAh
AAh
555h
55h
AAAh
80h
AAAh
AAh
555h
55h
BA
(8)
30h
Block Erase Suspend
1
BK
(3)
B0h
Block Erase Resume
1
BK
(3)
30h
Block Protect 2
4
XXXh
60h
BPA
(9)
60h
XXXh
40h
BPA
(9)
BPD
(10)
Word
555h
2AAh
BK
(3)
+
555h
Verify Block
Protect
Byte
3
AAAh
AAh
555h
55h
BK
(3)
+
AAAh
90h
BPA
(9)
BPD
(10)
Word
555h
2AAh
555h
Fast Program
Set
Byte
3
AAAh
AAh
555h
55h
AAAh
20h
Fast Program
2
XXXh
A0h
PA
(6)
PD
(7)
Fast Program Reset
2
XXXh
90h
XXXh
F0h
(13)
Word
555h
2AAh
555h
Hidden ROM
Mode Entry
Byte
3
AAAh
AAh
555h
55h
AAAh
88h
Word
555h
2AAh
555h
Hidden ROM
Program
Byte
4
AAAh
AAh
555h
55h
AAAh
A0h
PA
(6)
PD
(7)
Word
555h
2AAh
555h
555h
2AAh
Hidden ROM
Erase
Byte
6
AAAh
AAh
555h
55h
AAAh
80h
AAAh
AAh
555h
55h
BA
(8)
30h
Word
555h
2AAh
555h
Hidden ROM
Mode Exit
Byte
4
AAAh
AAh
555h
55h
AAAh
90h
XXXh
00h
Word
BK
(3)
+ 55h
Query
Command
Byte
2
BK
(3)
+AAh
98h
CA
(11)
CD
(12)
Notes: The system should generate the following address patterns:
Word Mode: 555H or 2AAH on address pins A10~A0
DQ8~DQ15 are ignored in Word Mode.
Byte Mode: AAAH or 555H on address pins A10~A-1
(1) RA: Read Address
(2) RD: Read Data
(3) BK: Bank Address
= A21~A15
(4) IA: Bank Address and ID Read Address (A6, A1, A0)
Bank Address
= A21~A15
Manufacturer Code
= (0, 0, 0)
Device Code
= (0, 0, 1)
(5) ID: ID Data
(6) PA: Program Address
(Input continuous 8 address from (A0, A1, A2)
= (0, 0, 0) to (A0, A1, A2) = (1, 1, 1) in Page program.)
(7) PD: Program Data
(8) BA: Block Address
= A21~A12
(9) BPA: Block Address and ID Read Address (A6, A1, A0)
Block Address
= A21~A12
ID Read Address
= (0, 1, 0)
(10) BPD: Verify Data
(11) CA: CFI Address
(12) CD: CFI Data
(13) F0H: 00H is valid too


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn