์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TC58FVM62A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Toshiba Semiconductor

๋ถ€ํ’ˆ๋ช… TC58FVM62A
์ƒ์„ธ๋‚ด์šฉ  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  61 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TOSHIBA [Toshiba Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.semicon.toshiba.co.jp/eng
Logo 

TC58FVM62A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
/ 61 page
 2 / 61 page
background image
TC58FVM6(T/B)2A(FT/XB)65
2003-01-29 2/61
Ordering information
TC58 F V M6 T2 A FT 65
Speed version
65
= 65 ns
Package
FT
= TSOP
XB
= FBGA
Design rule
A
= 0.16 ยตm
Function/Boot block architecture/Bank ratio
T2
= Page mode/Top boot block/1:3:3:1
B2
= Page mode/Bottom boot block/1:3:3:1
Capacity
M6
= 64Mbits
Supply Voltage
V
= 3 V system
Device type
F
= NOR Flash memory
Toshiba CMOS E2PROM
Ordering type
Boot block
Bank ratio
Package
TC58FVM6T2AFT65
Top
TC58FVM6B2AFT65
Bottom
TSOPI48-P-1220-0.50
TC58FVM6T2AXB65
Top
TC58FVM6B2AXB65
Bottom
1:3:3:1
P-TFBGA56-0710-0.80AZ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn