전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58FVM6T2AFT65 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC58FVM6T2AFT65
상세설명  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM6T2AFT65 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC58FVM6T2AFT65 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVM6T2AFT65 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
TC58FVM6(T/B)2A(FT/XB)65
2003-01-29 9/61
Command Write
The TC58FVM6T2A/B2A uses the standard JEDEC control commands for a single-power supply E2PROM. A
Command Write is executed by inputting the address and data into the Command Register. The command is
written by inputting a pulse to WE with CE
= VIL and OE = VIH ( WE control). The command can also be
written by inputting a pulse to CE with WE
= VIL ( CE control). The address is latched on the falling edge of
either WE or CE . The data is latched on the rising edge of either WE or CE . DQ0~DQ7 are valid for data
input and DQ8~DQ15 are ignored.
To abort input of the command sequence use the Reset command. The device will reset the Command Register
and enter Read Mode. If an undefined command is input, the Command Register will be reset and the device
will enter Read Mode.
Software Reset
Apply a software reset by inputting a Read/Reset command. A software reset returns the device from ID Read
Mode or CFI Mode to Read Mode, releases the lock state if automatic operation has ended abnormally, and
clears the Command Register.
Hardware Reset
A hardware reset initializes the device and sets it to Read Mode. When a pulse is input to RESET for tRP,
the device abandons the operation which is in progress and enters Read Mode after tREADY. Note that if a
hardware reset is applied during data overwriting, such as a Write or Erase operation, data at the address or
block being written to at the time of the reset will become undefined.
After a hardware reset the device enters Read Mode if RESET
= VIH or Standby Mode if RESET = VIL.
The DQ pins are High-Impedance when RESET
= VIL. After the device has entered Read Mode, Read
operations and input of any command are allowed.
Comparison between Software Reset and Hardware Reset
ACTION
SOFTWARE RESET
HARDWARE RESET
Releases ID Read Mode or CFI Mode.
True
True
Clears the Command Register.
True
True
Releases the lock state if automatic operation has ended abnormally.
True
True
Stops any automatic operation which is in progress.
False
True
Stops any operation other than the above and returns the device to
Read Mode.
False
True
/Word Mode
BYTE is used select Word Mode (16 bits) or Byte Mode (8 bits) for the TC58FVM6T2A/B2A. If VIH is input to
BYTE , the device will operate in Word Mode. Read data or write commands using DQ0~DQ15. When VIL is
input to BYTE , read data or write commands using DQ0~DQ7. DQ15/A-1 is used as the lowest address.
DQ8~DQ14 will become High-Impedance.
BYTE


유사한 부품 번호 - TC58FVM6T2AFT65

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM6T2A TOSHIBA-TC58FVM6T2A Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC58FVM6T2AFT65

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com