전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML9478C 데이터시트(PDF) 12 Page - LAPIS Semiconductor Co., Ltd.

부품명 ML9478C
상세설명  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPIS [LAPIS Semiconductor Co., Ltd.]
홈페이지  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9478C 데이터시트(HTML) 12 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9478C Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9478C Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
FEDL9478C-01
ML9478C
12/31
77-78
75-76
TEST1
TEST2
I
Pin for testing the IC.
It has an Internal pull-down resistor.
Use it as it is connected to GND.
95-134
139-178
SEG1
SEG80
O
Outputs for LCD display. Connected to the segment pins on the LCD panel.
In the display off mode, all the outputs are fixed to GND.
85-88
135-138
183-186
COM1
COM4
O
Outputs for LCD display. Connected to the common pins on the LCD panel.
The output pins are located at three positions: both ends of the chip and
between SEG40 and SEG41. Each is connected inside the chip.
Use the
COM pins in accordance with the panel to be used.
In the display off mode, all the outputs are fixed to GND.
When the slave is set (M/S=”L”), COM1 to COM4 outputs are GND level
fixed.
32-37
VDD
-
Power supply pin for logic circuit.
38-43
VLCD
-
Power supply pin for LCD driver.
26-31
GND
-
Ground pin.
16
64
VDDO
-
VDD output pin.
Use this pin when fixing the mode setting input pin to "H" on the COG.
3
79
GNDO
-
Ground output pin.
Use this pin when fixing the mode setting input pin to "L" on the COG.
1-2
80-84
89-94
179-182
187-190
DUMMY
-
Floating pin.
At this time, avoid this pin from shorting with pins other than DUMMY in the
wiring on the COG.
*1: For details of the COM /SEG waveform when a duty is selected, refer to "Common waveform" on page 18
and "Common Segment waveform" on page 19 to 23.
*2: Oscillator circuit configuration
• When M/S = "H", OSC I/E = "H"
[Internal Rf oscillation mode]
[External Rf oscillation mode]
OPEN
OSC2
OSC1
OSCR
OSC2
R
OSC1
OPEN
OSCR


유사한 부품 번호 - ML9478C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results

유사한 설명 - ML9478C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com