전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1200TS 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TEA1200TS
상세설명  0.95 V starting DC-to-DC converter with low battery indicator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1200TS 데이터시트(HTML) 2 Page - NXP Semiconductors

  TEA1200TS Datasheet HTML 1Page - NXP Semiconductors TEA1200TS Datasheet HTML 2Page - NXP Semiconductors TEA1200TS Datasheet HTML 3Page - NXP Semiconductors TEA1200TS Datasheet HTML 4Page - NXP Semiconductors TEA1200TS Datasheet HTML 5Page - NXP Semiconductors TEA1200TS Datasheet HTML 6Page - NXP Semiconductors TEA1200TS Datasheet HTML 7Page - NXP Semiconductors TEA1200TS Datasheet HTML 8Page - NXP Semiconductors TEA1200TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2002 May 14
2
Philips Semiconductors
Product specification
0.95 V starting DC-to-DC converter
with low battery indicator
TEA1200TS
FEATURES
• Complete DC-to-DC converter circuit and battery low
detector
• Configurable for 1, 2 or 3-cell Nickel-Cadmium (NiCd) or
Nickel Metal Hydride (NiMH) batteries and 1 Lithium Ion
(Li-Ion) battery
• Guaranteed DC-to-DC converter start-up from 1-cell
NiCd or NiMH battery, even with a load current
• Upconversion or downconversion
• Internal power MOSFETs featuring a low RDSon of
approximately 0.1
• Synchronous rectification for high efficiency
• Soft start
• PWM-only operating option
• Stand-alone low battery detector requires no additional
supply voltage
• Low battery detection level at 0.90 V, externally
adjustable to a higher level
• Adjustable output voltages
• Shut-down function
• Small outline package
• 0.6 µm BICMOS process.
APPLICATIONS
• Cellular phones
• Cordless phones
• Personal Digital Assistants (PDAs)
• Portable audio players
• Pagers
• Mobile equipment.
GENERAL DESCRIPTION
The TEA1200TS is a fully integrated battery power unit
including a high-efficiency DC-to-DC converter which runs
from a 1-cell NiCd or NiMH battery and a low battery
detector. The circuit can be arranged in several ways to
optimize the application circuit of a power supply system.
Therefore, the DC-to-DC converter can be arranged for
upconversion or downconversion and the low battery
detector can be configured for several types of batteries.
Accurate low battery detection is possible while all other
blocks are switched off.
The DC-to-DC converter features efficient, compact and
dynamic power conversion using a digital control concept
comparable with Pulse Width Modulation (PWM) and
Pulse Frequency Modulation (PFM), integrated CMOS
power switches with a very low RDSon and fully
synchronous rectification.
The device operates at a switching frequency of 600 kHz
which enables the use of external components with
minimum size. The switching frequency can be
synchronized to an external high frequency clock signal.
Optionally, the device can be kept in PWM control mode
only. Deadlock is prevented by an on-chip undervoltage
lockout circuit.
Active current limiting enables efficient conversion in
pulsed-load systems such as Global System for Mobile
communication (GSM) and Digital Enhanced Cordless
Telecommunications (DECT).
The low battery detector has a built-in detection level
which is optimum for a 1-cell NiCd or NiMH battery.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA1200TS
SSOP16
plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1


유사한 부품 번호 - TEA1200TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
TEA1202 PHILIPS-TEA1202 Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1202TS PHILIPS-TEA1202TS Datasheet
123Kb / 24P
   Battery power unit
2000 Jun 08
TEA1204 PHILIPS-TEA1204 Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
More results

유사한 설명 - TEA1200TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1201TS PHILIPS-TEA1201TS Datasheet
108Kb / 24P
   0.95 V starting basic power unit
2002 Jun 06
logo
JMK Inc.
GG-1570-20 JMK-GG-1570-20 Datasheet
138Kb / 4P
   The power converter / Backup Battery is a nominal 13.8 volt to 13.8 volt dc-dc converter With a backup battery to supply power during starting etc.
logo
Linear Technology
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
logo
ON Semiconductor
NCP1417 ONSEMI-NCP1417 Datasheet
128Kb / 16P
   200 mA DC-DC Step-up Converter with Dual Low Battery Protection
April, 2002 ??Rev. 1
logo
Silicon image
SI3500 SILICONIMAGE-SI3500 Datasheet
198Kb / 18P
   50 V INPUT DC TO DC CONVERTER
logo
Silicon Laboratories
SI3500 SILABS-SI3500 Datasheet
206Kb / 18P
   50 V INPUT DC TO DC CONVERTER
logo
Unisonic Technologies
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
ON Semiconductor
NCP1404 ONSEMI-NCP1404 Datasheet
49Kb / 8P
   350 mA PWM/PFM Step-Up DC-DC Converter with Low Battery Detector
June, 2002 ??Rev. 0
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com