전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX384B75-G 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 BZX384B75-G
상세설명  Silicon planar Zener diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384B75-G 데이터시트(HTML) 6 Page - Vishay Siliconix

  BZX384B75-G Datasheet HTML 1Page - Vishay Siliconix BZX384B75-G Datasheet HTML 2Page - Vishay Siliconix BZX384B75-G Datasheet HTML 3Page - Vishay Siliconix BZX384B75-G Datasheet HTML 4Page - Vishay Siliconix BZX384B75-G Datasheet HTML 5Page - Vishay Siliconix BZX384B75-G Datasheet HTML 6Page - Vishay Siliconix BZX384B75-G Datasheet HTML 7Page - Vishay Siliconix BZX384B75-G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BZX384-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 14-Oct-16
6
Document Number: 83335
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Change of Zener Voltage from Turn-on up to the Point of
Thermal Equilibrium vs. Zener voltage
Fig. 14 - Breakdown Characteristics
Fig. 15 - Breakdown Characteristics
Fig. 16 - Breakdown Characteristics
18160
Δ
5
4
3
2
1
0
V
V
Z
0
20
40
60
80
100 V
V
Z at IZ = 5 mA
I
Z = 5 mA
I
Z = 2.5 mA
V
Z = rzth x IZ
Δ
18111
Test
current
I
Z 5 mA
1
23
4
5
67
8
9
0
10 V
VZ
3.3
3.9 5.6
2.7
mA
50
40
30
20
10
0
lZ
Tj = 25 °C
8.2
6.8
4.7
18112
10
20
30
0
40 V
VZ
mA
30
20
10
0
lZ
33
Test
current
IZ 5 mA
Tj = 25 °C
10
12
15
18
22
27
36
18191
mA
10
8
6
4
2
0
l
z
10
20
30
40
50
60
70
80
90
0
100 V
V
Z
2 mA
Test Current I
Z
T
j = 25 °C
43
51
47
39


유사한 부품 번호 - BZX384B75-G

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX384B75-E3-08 VISHAY-BZX384B75-E3-08 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-E3-18 VISHAY-BZX384B75-E3-18 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-HE3-08 VISHAY-BZX384B75-HE3-08 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-HE3-18 VISHAY-BZX384B75-HE3-18 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-V VISHAY-BZX384B75-V Datasheet
111Kb / 9P
   Small Signal Zener Diodes
Rev. 1.6, 17-May-06
More results

유사한 설명 - BZX384B75-G

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com