전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7884BDP 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI7884BDP
상세설명  N-Channel 40-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7884BDP 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI7884BDP Datasheet HTML 1Page - Vishay Siliconix SI7884BDP Datasheet HTML 2Page - Vishay Siliconix SI7884BDP Datasheet HTML 3Page - Vishay Siliconix SI7884BDP Datasheet HTML 4Page - Vishay Siliconix SI7884BDP Datasheet HTML 5Page - Vishay Siliconix SI7884BDP Datasheet HTML 6Page - Vishay Siliconix SI7884BDP Datasheet HTML 7Page - Vishay Siliconix SI7884BDP Datasheet HTML 8Page - Vishay Siliconix SI7884BDP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 68395
S-82113-Rev. B, 08-Sep-08
www.vishay.com
5
Vishay Siliconix
Si7884BDP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
20
40
60
80
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
Power Derating
0
10
20
30
40
50
60
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)


유사한 부품 번호 - SI7884BDP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7884BDP VISHAY-SI7884BDP Datasheet
315Kb / 13P
   N-Channel 40-V (D-S) MOSFET
01-Jan-2022
SI7884BDP-T1-E3 VISHAY-SI7884BDP-T1-E3 Datasheet
164Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 08-Sep-08
logo
VBsemi Electronics Co.,...
SI7884BDP-T1-GE3 VBSEMI-SI7884BDP-T1-GE3 Datasheet
1Mb / 7P
   N-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI7884BDP VISHAY-SI7884BDP_V01 Datasheet
315Kb / 13P
   N-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7884BDP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com