전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8457DB 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI8457DB
상세설명  P-Channel 12 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8457DB 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI8457DB Datasheet HTML 1Page - Vishay Siliconix SI8457DB Datasheet HTML 2Page - Vishay Siliconix SI8457DB Datasheet HTML 3Page - Vishay Siliconix SI8457DB Datasheet HTML 4Page - Vishay Siliconix SI8457DB Datasheet HTML 5Page - Vishay Siliconix SI8457DB Datasheet HTML 6Page - Vishay Siliconix SI8457DB Datasheet HTML 7Page - Vishay Siliconix SI8457DB Datasheet HTML 8Page - Vishay Siliconix SI8457DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Si8457DB
www.vishay.com
Vishay Siliconix
S15-1692-Rev. B, 20-Jul-15
3
Document Number: 64267
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 2 V
V
GS = 1.5 V
0
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
25
I
D - Drain Current (A)
V
GS = 1.8 V
V
GS = 2.5 V
V
GS = 4.5 V
0
2
4
6
8
0
10
20
30
40
50
60
70
Q
g - Total Gate Charge (nC)
V
DS = 9.6 V
V
DS = 3 V
V
DS = 6 V
I
D = 3 A
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
500
1000
1500
2000
2500
3000
3500
4000
0
2
4
6
8
10
12
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 1.8 V; ID = 3 A
V
GS = 4.5 V, 2.5 V; ID = 3 A


유사한 부품 번호 - SI8457DB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI8457DB VISHAY-SI8457DB_V01 Datasheet
256Kb / 11P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI8457DB

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com