전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9630S 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 IRF9630S
상세설명  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF9630S 데이터시트(HTML) 4 Page - Vishay Siliconix

  IRF9630S Datasheet HTML 1Page - Vishay Siliconix IRF9630S Datasheet HTML 2Page - Vishay Siliconix IRF9630S Datasheet HTML 3Page - Vishay Siliconix IRF9630S Datasheet HTML 4Page - Vishay Siliconix IRF9630S Datasheet HTML 5Page - Vishay Siliconix IRF9630S Datasheet HTML 6Page - Vishay Siliconix IRF9630S Datasheet HTML 7Page - Vishay Siliconix IRF9630S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF9630S, SiHF9630S
www.vishay.com
Vishay Siliconix
S16-0754-Rev. D, 02-May-16
4
Document Number: 91085
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
101
100
- VSD, Source-to-Drain Voltage (V)
0.5
4.5
3.5
2.5
1.5
25
°C
150
°C
V
GS = 0 V
91085_07
10-1
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
- VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
102
0.1
2
5
0.1
2
5
1
2
5
10
2
5
25
1
25
10
25
102
25
103
91085_08
103
TC, Case Temperature (°C)
0.0
1.0
2.0
3.0
4.0
5.0
91085_09
150
25
125
100
75
50
7.0
6.0
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
- 10 V
V
DS
V
DD
V
GS
10 %
90 %
V
DS
t
d(on)
t
r
t
d(off)
t
f
10
1
0.1
10-2
10-5
10-4
10-3
10-2
0.1
1
10
P
DM
t
1
t
2
t1, Rectangular Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
Single Pulse
(Thermal Response)
0.2
0.05
0.02
0.01
91085_11
0.1
D = 0.5


유사한 부품 번호 - IRF9630S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9630S IRF-IRF9630S Datasheet
179Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
Vishay Siliconix
IRF9630S VISHAY-IRF9630S Datasheet
181Kb / 8P
   Power MOSFET
02-Oct-12
IRF9630SPBF VISHAY-IRF9630SPBF Datasheet
181Kb / 8P
   Power MOSFET
02-Oct-12
IRF9630STRLPBFA VISHAY-IRF9630STRLPBFA Datasheet
181Kb / 8P
   Power MOSFET
02-Oct-12
More results

유사한 설명 - IRF9630S

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com