전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2356DS 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 SI2356DS
상세설명  N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2356DS 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button SI2356DS Datasheet HTML 2Page - Vishay Siliconix SI2356DS Datasheet HTML 3Page - Vishay Siliconix SI2356DS Datasheet HTML 4Page - Vishay Siliconix SI2356DS Datasheet HTML 5Page - Vishay Siliconix SI2356DS Datasheet HTML 6Page - Vishay Siliconix SI2356DS Datasheet HTML 7Page - Vishay Siliconix SI2356DS Datasheet HTML 8Page - Vishay Siliconix SI2356DS Datasheet HTML 9Page - Vishay Siliconix SI2356DS Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72609
www.vishay.com
Revision: 21-Jan-08
25
RECOMMENDED MINIMUM PADS FOR SOT-23
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.022
(0.559)
0.037
(0.950)
0.053
(1.341)
0.097
(2.459)
Return to Index
Return to Index


유사한 부품 번호 - SI2356DS

제조업체부품명데이터시트상세설명
logo
Vishay Telefunken
SI2356DS TFUNK-SI2356DS Datasheet
233Kb / 10P
   N-Channel 40 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
SI2356DS KEXIN-SI2356DS Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Vishay Siliconix
SI2356DS VISHAY-SI2356DS Datasheet
200Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2356DS-HF KEXIN-SI2356DS-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI2356DS-T1-GE3 VBSEMI-SI2356DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SI2356DS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com