전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4890BDY 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4890BDY
상세설명  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4890BDY 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4890BDY Datasheet HTML 1Page - Vishay Siliconix SI4890BDY Datasheet HTML 2Page - Vishay Siliconix SI4890BDY Datasheet HTML 3Page - Vishay Siliconix SI4890BDY Datasheet HTML 4Page - Vishay Siliconix SI4890BDY Datasheet HTML 5Page - Vishay Siliconix SI4890BDY Datasheet HTML 6Page - Vishay Siliconix SI4890BDY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si4890BDY
Document Number: 69502
S09-0540-Rev. B, 06-Apr-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
Notebook
- System Power
- Adapter Switch
DC/DC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.012 at VGS = 10 V
16
10 nC
0.016 at VGS = 4.5 V
14
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4890BDY-T1-E3 (Lead (Pb)-free)
Si4890BDY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 90 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 25
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16
A
TC = 70 °C
12.9
TA = 25 °C
10.7b, c
TA = 70 °C
8.6b, c
Pulsed Drain Current
IDM
60
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5.1
TA = 25 °C
2.2b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5.7
W
TC = 70 °C
3.6
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
40
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
18
22


유사한 부품 번호 - SI4890BDY

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4890BDY-T1-E3 VBSEMI-SI4890BDY-T1-E3 Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

유사한 설명 - SI4890BDY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com