전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5853CDC 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI5853CDC
상세설명  P-Channel 20 V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5853CDC 데이터시트(HTML) 7 Page - Vishay Siliconix

Back Button SI5853CDC Datasheet HTML 2Page - Vishay Siliconix SI5853CDC Datasheet HTML 3Page - Vishay Siliconix SI5853CDC Datasheet HTML 4Page - Vishay Siliconix SI5853CDC Datasheet HTML 5Page - Vishay Siliconix SI5853CDC Datasheet HTML 6Page - Vishay Siliconix SI5853CDC Datasheet HTML 7Page - Vishay Siliconix SI5853CDC Datasheet HTML 8Page - Vishay Siliconix SI5853CDC Datasheet HTML 9Page - Vishay Siliconix SI5853CDC Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 69774
S10-0547-Rev. B, 08-Mar-10
www.vishay.com
7
Vishay Siliconix
Si5853CDC
MOSFET TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10-3
10-2
0
0
6
0
1
1
10-1
10-4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 100 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


유사한 부품 번호 - SI5853CDC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5853DC VISHAY-SI5853DC Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1 VISHAY-SI5853DC-T1 Datasheet
122Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
Rev. B, 05-Aug-02
SI5853DC-T1-E3 VISHAY-SI5853DC-T1-E3 Datasheet
180Kb / 9P
   P-Channel 1.8 V (G-S) MOSFET with Schottky Diode
Rev. D, 08-Mar-10
SI5853DDC VISHAY-SI5853DDC Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 27-Oct-08
SI5853DDC-T1-E3 VISHAY-SI5853DDC-T1-E3 Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 27-Oct-08
More results

유사한 설명 - SI5853CDC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 04-Oct-99
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. A, 22-Sep-08
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
   P-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 12-Oct-09
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. A, 22-Sep-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
   P-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. C, 23-Jun-08
SI4823DY VISHAY-SI4823DY Datasheet
287Kb / 12P
   P-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. C, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com