전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AC3586 데이터시트(PDF) 1 Page - Teledyne Technologies Incorporated

부품명 AC3586
상세설명  3000 TO 3600 MHz TO-8 CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC3586 데이터시트(HTML) 1 Page - Teledyne Technologies Incorporated

  AC3586 Datasheet HTML 1Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
PRELIMINARY
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
3000 TO 3600 MHz
TO-8 CASCADABLE AMPLIFIER
AC3586
Typical Values
AC3586
Ultra Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2 dB
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
19.0 dB
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
19.0 dB
18.0 dB
17.5 dB
Gain Flatness (Max.)
±0.5 dB
±0.8 dB
±1.0 dB
Noise Figure (Max.)
1.2 dB
1.4 dB
1.7 dB
SWR (Max.)
Input/Output
1.5:1
1.8:1
1.9:1
Power Output (Min.)
@ 1dB comp.
+12.5 dBm
+11.5 dBm
+11.0 dBm
DC Current (Max.)
45 mA
48 mA
51 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
2900-3600 MHz
3000-3600 MHz
3000-3600 MHz
Typical @ 25 °C
AC3586
Second Order Harmonic Intercept Point. . . . . . . . . . . . . . .
+48 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+42 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+25 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+17 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
100 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+100 °C
Thermal Resistance1 (θjc)
. . . . . . . . . . . . . . . . . . . . . . . . . .
— °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
— °C
1 Thermal resistance is based on total power dissipation.
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
AC3586
AS3586
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers


유사한 부품 번호 - AC3586

제조업체부품명데이터시트상세설명
logo
Allied Components Inter...
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
   Axial Coated Inductors
AC35-100K-RC ALLIED-AC35-100K-RC Datasheet
1Mb / 2P
   Axial Coated Inductors
AC35-101K-RC ALLIED-AC35-101K-RC Datasheet
1Mb / 2P
   Axial Coated Inductors
AC35-102K-RC ALLIED-AC35-102K-RC Datasheet
1Mb / 2P
   Axial Coated Inductors
AC35-103K-RC ALLIED-AC35-103K-RC Datasheet
1Mb / 2P
   Axial Coated Inductors
More results

유사한 설명 - AC3586

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
AC3556 TELEDYNE-AC3556 Datasheet
131Kb / 1P
   3000 TO 3600 MHz TO-8 CASCADABLE AMPLIFIER
AC3064 TELEDYNE-AC3064 Datasheet
173Kb / 2P
   100 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3033 TELEDYNE-AC3033 Datasheet
176Kb / 2P
   1000 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3056 TELEDYNE-AC3056 Datasheet
184Kb / 2P
   500 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3057 TELEDYNE-AC3057 Datasheet
172Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC3055 ETC-AC3055 Datasheet
118Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC3035 TELEDYNE-AC3035 Datasheet
131Kb / 1P
   1000 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3046 TELEDYNE-AC3046 Datasheet
173Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
AC3055 TELEDYNE-AC3055 Datasheet
172Kb / 2P
   10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
LC3005 TELEDYNE-LC3005 Datasheet
125Kb / 1P
   5 TO 3000 MHz TO-8 CASCADABLE LC3005 SIGNAL LIMITER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com