전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX51 데이터시트(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

부품명 BCX51
상세설명  PNP Medium power transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BCX51 데이터시트(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BCX51 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BCX51 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BCX51 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BCX51 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BCX51 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production specification
PNP Medium power transistors
BCX51/BCX52/BCX53
E020
www.gmicroelec.com
Rev.A
2
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-100μA IE=0 BCX51
BCX52
BCX53
-45
-60
-100
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=-10mA IB=0 BCX51
BCX52
BCX53
-45
-60
-80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA IC=0
-5
μV
Collector cut-off current
ICBO
VCB=-30V IE=0
-0.1
μA
DC current gain
hFE
VCE=-2V IC=-5mA
25
VCE=-2V IC=-150mA
BCX51…53
40
250
VCE=-2V IC=-150mA -10
-16
63
100
160
250
VCE=-2V IC=-500mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA IB=-50mA
-0.5
V
Base-emitter voltage
VBE
IC=-500mA ,VCE=-2V
-1
V
Transition frequency
fT
VCE=-10 IC=-50mA,
f=20MH
125
MHz


유사한 부품 번호 - BCX51

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX51 PHILIPS-BCX51 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Central Semiconductor C...
BCX51 CENTRAL-BCX51 Datasheet
290Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
First Silicon Co., Ltd
BCX51 FS-BCX51 Datasheet
312Kb / 4P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51 SIEMENS-BCX51 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
WILLAS ELECTRONIC CORP
BCX51 WILLAS-BCX51 Datasheet
369Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
More results

유사한 설명 - BCX51

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com