전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846A 데이터시트(PDF) 6 Page - Galaxy Semi-Conductor Holdings Limited

부품명 BC846A
상세설명  NPN general purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC846A 데이터시트(HTML) 6 Page - Galaxy Semi-Conductor Holdings Limited

  BC846A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC846A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC846A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC846A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited BC846A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited BC846A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Production specification
NPN
general purpose Transistor
BC846/847/848
C043
www.gmicroelec.com
Rev.B
6
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
SOT-23
Dim
Min
Max
A
2.70
3.10
B
1.10
1.50
C
1.0 Typical
D
0.4 Typical
E
0.35
0.48
G
1.80
2.00
H
0.02
0.1
J
0.1 Typical
K
2.20
2.60
All Dimensions in mm
Device
Package
Shipping
BC846/847/848
SOT-23
3000/Tape&Reel
A
B
C
D
E
J
H
K
G
0.90
0.80
2.00
0.95
0.95


유사한 부품 번호 - BC846A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Yea Shin Technology Co....
BC846A YEASHIN-BC846A Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Diodes Incorporated
BC846A DIODES-BC846A Datasheet
277Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 21 - 2
logo
Nexperia B.V. All right...
BC846A NEXPERIA-BC846A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Micro Commercial Compon...
BC846A MCC-BC846A Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

유사한 설명 - BC846A

제조업체부품명데이터시트상세설명
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com