전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8618AR 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8618AR
상세설명  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8618AR 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8618AR Datasheet HTML 2Page - Analog Devices AD8618AR Datasheet HTML 3Page - Analog Devices AD8618AR Datasheet HTML 4Page - Analog Devices AD8618AR Datasheet HTML 5Page - Analog Devices AD8618AR Datasheet HTML 6Page - Analog Devices AD8618AR Datasheet HTML 7Page - Analog Devices AD8618AR Datasheet HTML 8Page - Analog Devices AD8618AR Datasheet HTML 9Page - Analog Devices AD8618AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8616/AD8618
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
200
600
1400
1800
2200
1000
400
1200
1600
2000
800
–700
–500
–300
–100
100
300
500
700
OFFSET VOLTAGE (
µV)
VS = 5V
TA =25°C
VCM = 0V TO 5V
Figure 5. Input Offset Voltage Distribution
0
2
6
14
18
22
10
4
12
16
20
8
02
46
8
10
12
TCVOS (µV/°C)
VS = ±2.5V
TA =–40°CTO +125°C
VCM = 0V
Figure 6. Offset Voltage Drift Distribution
–400
–500
–300
–200
–100
0
100
200
300
400
500
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
COMMON-MODE VOLTAGE (V)
VS = 5V
TA =25°C
Figure 7. Input Offset Voltage vs. Common-Mode Voltage
(200 Units, Five Wafer Lots Including Process Skews)
0
50
100
150
200
250
300
350
0
25
50
75
100
125
TEMPERATURE (
°C)
VS = ±2.5V
Figure 8. Input Bias Current vs. Temperature
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 5V
TA =25°C
SINK
SOURCE
Figure 9. Output Voltage to Supply Rail vs. Load Current
0
20
40
60
80
100
120
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (
°C)
VS = 5V
1mA LOAD
10mA LOAD
Figure 10. Output Voltage Swing vs. Temperature


유사한 부품 번호 - AD8618AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8618AR AD-AD8618AR Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8618AR AD-AD8618AR Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR AD-AD8618AR Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8618AR-REEL AD-AD8618AR-REEL Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results

유사한 설명 - AD8618AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com