전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD0803S100S0R2 데이터시트(PDF) 6 Page - AVX Corporation

부품명 SD0803S100S0R2
상세설명  Schottky Barrier Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SD0803S100S0R2 데이터시트(HTML) 6 Page - AVX Corporation

  SD0803S100S0R2 Datasheet HTML 1Page - AVX Corporation SD0803S100S0R2 Datasheet HTML 2Page - AVX Corporation SD0803S100S0R2 Datasheet HTML 3Page - AVX Corporation SD0803S100S0R2 Datasheet HTML 4Page - AVX Corporation SD0803S100S0R2 Datasheet HTML 5Page - AVX Corporation SD0803S100S0R2 Datasheet HTML 6Page - AVX Corporation SD0803S100S0R2 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
083116
CASE DRAWINGS
0.03
(0.001)
1.6 ± 0.10
R 0.2
0 (0.008)
0.70 Typ.
(0.028 Typ.)
0.35 ± 0.05
(0.014 ± 0.002)
0.35 ± 0.05
(0.014 ± 0.002)
0.90 ± 0.10
(0.035 ± 0.004)
0.60
+ 0.2
- 0.1
(0.024
)
+ 0.008
- 0.004
2.00 ± 0.10
(0.079 ± 0.004)
R 0.275
(0.011)
0.45 ± 0.10
(0.018 ± 0.004)
0.45 ± 0.10
(0.018 ± 0.004)
1.30 ± 0.10
(0.051 ± 0.004)
1.00 Typ.
(0.039 Typ.)
0.80
+ 0.2
- 0.1
(0.031
)
+ 0.008
- 0.004
1.60 Typ.
(0.063 Typ.)
3.40 ± 0.20
(0.134 ± 0.008)
R0.4
0 (0.016
)
0.70 ± 0.20
(0.028 ± 0.008)
0.70 ± 0.20
(0.028 ± 0.008)
1.90 ± 0.20
(0.075 ± 0.008)
0.96
+ 0.2
- 0.1
(0.038
)
+ 0.008
- 0.004
0.50
(0.020)
1.60 Typ.
(0.063 Typ.)
2.20 ± 0.10
(0.087 ± 0.004)
4.5 ± 0.10
(0.177 ± 0.004)
0.95 ± 0.20
(0.037 ± 0.008)
0.95 ± 0.20
(0.037 ± 0.008)
0.96
+ 0.2
- 0.1
(0.038
)
+ 0.008
- 0.004
3.01 Typ.
(0.119 Typ.)
3.60 ± 0.10
(0.142 ± 0.004)
5.20 ± 0.10
(0.205 ± 0.004)
1.15 ± 0.10
(0.045 ± 0.004)
1.05 ± 0.15
(0.041 ± 0.006)
1.15 ± 0.10
(0.045 ± 0.004)
R0.695
± 0.01
5
(0.038
± 0.001)
3.90 Typ.
(0.153 Typ.)
5.0 ± 0.10
(0.197 ± 0.004)
8.0 ± 0.10
(0.315 ± 0.004)
1.95 ± 0.10
(0.077 ± 0.004)
1.95 ± 0.10
(0.077 ± 0.004)
1.05 ± 0.10
(0.041 ± 0.004)
R0.8
±
0.02
(0.032
± 0.001)
0603
2010
0805
2114
1206
1.50 Typ.
(0.059 Typ.)
1.60 ± 0.10
(0.063 ± 0.004)
3.40 ± 0.10
(0.134 ± 0.004)
R0.
40 (0.016)
0.70 ± 0.20
(0.028 ± 0.008)
*0.93 ± 0.05 (0.037 ± 0.002)
**0.96 ± 0.20 (0.038 ± 0.008)
0.70 ± 0.20
(0.028 ± 0.008)
1206-T
3220
SOD-523
SMA (DO-214AC)
SOD-323
SMB (D0-214AA)
SOD-123
SOD-123
SMC (DO-214AB
Schottky Barrier Rectifier Diode
Lead-less Chip Form
Schottky Barrier Rectifier Diode
Lead-less Chip Form
mm (inches)
Polarity: Laser Cathode band marking.


유사한 부품 번호 - SD0803S100S0R2

제조업체부품명데이터시트상세설명
logo
Advanced Photonix, Inc.
SD0800-3111-111 ADVANCEDPHOTONIX-SD0800-3111-111 Datasheet
215Kb / 3P
   The SD0800-3111-111 is a high sensitivity, low noise, 1 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications.
logo
Shanghai Shunye Electro...
SD0805052 SY-SD0805052 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SD0805053 SY-SD0805053 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SD0805054 SY-SD0805054 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SD0803S100S0R2

제조업체부품명데이터시트상세설명
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD2114S040S8R0 AVX-SD2114S040S8R0 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
SD3030MR EIC-SD3030MR Datasheet
132Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com