전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLCC122-C07 데이터시트(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

부품명 SLCC122-C07
상세설명  Cable Clamp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
홈페이지  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

SLCC122-C07 데이터시트(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  SLCC122-C07 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG SLCC122-C07 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
Cable Clamp
SLCC1X2-C0X
Rosenberger Hochfrequenztechnik GmbH & Co. KG, Germany
Rosenberger Asia Pacific Electronic Co., Ltd., China
Page
Tel.: +49 8684 18-0
Tel.: +86 10 80481995
Fax: +86 10 80497052
www.rosenberger.de
email: info@rosenberger.de
www.rosenbergerap.com email: info@rosenbergerap.com
2 / 2
Environmental data
Temperature
-40°C to +70°C
Salt spray test
96 hr. acc. to MIL-STD-1344:1977 Method 1001.1
UV resistance
300 hr. acc. to ISO 4892-2:2006(E) Method A
RoHS
compliant
Tooling
Hex Wrench
10 / 13mm
Packaging
Standard
10 pcs in bag
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Robin
08/09/2010
J. Gramsamer
03/01/16
b00
16-0005
SL
02/01/16


유사한 부품 번호 - SLCC122-C07

제조업체부품명데이터시트상세설명
logo
Rosenberger Hochfrequen...
SLCC122-0711 ROSENBERGER-SLCC122-0711 Datasheet
179Kb / 1P
   Cable Clamp
SLCC122-2029 ROSENBERGER-SLCC122-2029 Datasheet
177Kb / 1P
   Cable Clamp
More results

유사한 설명 - SLCC122-C07

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
IT3057-16AF2 GLENAIR-IT3057-16AF2 Datasheet
249Kb / 1P
   Cable Clamp
logo
Rosenberger Hochfrequen...
SLCC221-PF20 ROSENBERGER-SLCC221-PF20 Datasheet
106Kb / 2P
   Cable Clamp
SLCC111-C05 ROSENBERGER-SLCC111-C05 Datasheet
238Kb / 2P
   Cable Clamp
SLCC112-2029 ROSENBERGER-SLCC112-2029 Datasheet
177Kb / 1P
   Cable Clamp
SLCC221-PF14 ROSENBERGER-SLCC221-PF14 Datasheet
82Kb / 2P
   Cable Clamp
SLCC112-0711 ROSENBERGER-SLCC112-0711 Datasheet
179Kb / 1P
   Cable Clamp
SLCC221-C03 ROSENBERGER-SLCC221-C03 Datasheet
245Kb / 2P
   Cable Clamp
SLCC221-C09 ROSENBERGER-SLCC221-C09 Datasheet
79Kb / 2P
   Cable Clamp
logo
CONEC Elektronische Bau...
160X11189X CONEC-160X11189X Datasheet
45Kb / 1P
   CABLE CLAMP SET
logo
Tyco Electronics
5745919-1 MACOM-5745919-1 Datasheet
112Kb / 1P
   CABLE CLAMP KIT
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com