전자부품 데이터시트 검색엔진 |
|
SD0803T040L0R5 데이터시트(PDF) 3 Page - AVX Corporation |
|
SD0803T040L0R5 데이터시트(HTML) 3 Page - AVX Corporation |
3 / 7 page 3 083116 Schottky Barrier Rectifier Diode Lead-less Chip Form Schottky Barrier Rectifier Diode Lead-less Chip Form Max Max Max Peak Reverse Forward Forward Reverse Current Forward Voltage Vf Voltage Current Surge IRRM Rth JA Rth JL Cj Marking AVX PN Size Current VRRM IF IFSM Typ Max IF Min Max V A A mA mA A V V ºC/W ºC/W pF 10S SD2010S100S2R0 2010 100 2 50 0.025 0.2 2 0.75 0.85 75 17 115 100 2 10S SD2010S150S2R0 2010 150 2 50 0.001 0.2 2 0.83 0.88 88 28 110 150 2 10S SD2010S200S2R0 2010 200 2 50 0.001 0.2 2 0.86 0.9 88 28 110 200 2 10S SD2010S020S3R0 2010 20 3 80 0.02 0.2 3 0.46 0.5 86 24 120 20 3 10S SD2010S040S3R0 2010 40 3 80 0.02 0.2 3 0.46 0.5 86 24 120 40 3 10S SD2010S060S3R0 2010 60 3 80 0.02 0.2 3 0.58 0.7 86 24 120 60 3 10S SD2010S100S3R0 2010 100 3 80 0.02 0.2 3 0.75 0.85 86 24 120 100 3 10S SD2010S150S3R0 2010 150 3 80 0.001 0.05 3 0.83 0.88 88 28 110 150 3 10S SD2010S200S3R0 2010 200 3 80 0.001 0.05 3 0.86 0.9 88 28 110 200 3 10S SD2010S030S5R0 2010 30 5 80 – 0.2 3 0.42 0.44 55 17 210 30 5 10L SD2010S020L1R0 2010 20 1 30 0.35 1 1 0.37 0.38 55 17 115 20 1 10L SD2010S040L1R0 2010 40 1 30 0.35 1 1 0.37 0.38 55 17 115 40 1 10L SD2010S020L2R0 2010 20 2 50 0.28 1 2 0.39 0.4 70 17 115 20 2 10L SD2010S040L2R0 2010 40 2 50 0.28 1 2 0.39 0.4 70 17 115 40 2 10L SD2010S020L3R0 2010 20 3 80 0.55 1 3 0.39 0.42 55 17 120 20 3 10L SD2010S040L3R0 2010 40 3 80 0.55 1 3 0.39 0.42 55 17 120 40 3 10L SD2010S030L3R0 2010 30 3 70 0.08 0.2 3 0.42 0.44 55 17 120 30 3 SD1206S020S0R5 1206 20 0.5 15 0.01 0.05 0.5 0.4 0.42 88 28 120 B2 · SD1206S040S0R5 1206 40 0.5 15 0.01 0.05 0.5 0.45 0.48 88 28 120 B4 · SD1206S020S1R0 1206 20 1 20 0.015 0.2 1 0.46 0.5 88 28 110 A2 . SD1206S040S1R0 1206 40 1 20 0.015 0.2 1 0.46 0.5 88 28 110 A4 . SD1206S060S1R0 1206 60 1 20 0.015 0.2 1 0.62 0.7 88 28 110 A6 . SD1206S100S1R0 1206 100 1 20 0.015 0.2 1 0.76 0.85 88 28 110 A10 . SD1206S020S2R0 1206 20 2 40 0.03 0.2 2 0.47 0.5 75 17 115 L2 . SD1206S040S2R0 1206 40 2 40 0.03 0.2 2 0.47 0.5 75 17 115 L4 . SD1206S060S2R0 1206 60 2 40 0.03 0.2 2 0.58 0.7 75 17 115 L6 . SD1206S100S2R0 1206 100 2 40 0.03 0.2 2 0.75 0.85 75 17 115 L10 . SD1206S020L1R0 1206 20 1 25 0.3 1 1 0.37 0.38 88 28 115 A2L . SD1206S040L1R0 1206 40 1 25 0.3 1 1 0.37 0.38 88 28 115 A4L . |
유사한 부품 번호 - SD0803T040L0R5 |
|
유사한 설명 - SD0803T040L0R5 |