전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N137A 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 6N137A
상세설명  High Speed Optocoupler, 10 MBd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N137A 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button 6N137A Datasheet HTML 2Page - Vishay Siliconix 6N137A Datasheet HTML 3Page - Vishay Siliconix 6N137A Datasheet HTML 4Page - Vishay Siliconix 6N137A Datasheet HTML 5Page - Vishay Siliconix 6N137A Datasheet HTML 6Page - Vishay Siliconix 6N137A Datasheet HTML 7Page - Vishay Siliconix 6N137A Datasheet HTML 8Page - Vishay Siliconix 6N137A Datasheet HTML 9Page - Vishay Siliconix 6N137A Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6N137A
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-May-13
6
Document Number: 84131
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Low Level Output Current vs. Ambient Temperature
Fig. 10 - High Level Output Current vs. Ambient Temperature
Fig. 11 - Output Voltage vs. Diode Forward Current
Fig. 12 - Propagation Delay Time vs. Ambient Temperature
Fig. 13 - Propagation Delay Time vs. Diode Forward Current
Fig. 14 - Pulse Width Distortion vs. Ambient Temperature
0
10
20
30
40
50
60
- 40
- 20
0
20
40
60
80
T
amb - Ambient Temperature (°C)
I
F = 10 mA
I
F = 5 mA
0
5
10
15
20
25
30
35
40
- 40
- 20
0
20
40
60
80
T
amb - Ambient Temperature (°C)
V
E = 2 V
V
O = 5.5 V
I
F = 250 μA
0
1
2
3
4
5
6
0
1
2
3
4
5
I
F - Forward Current (mA)
V
CC = 5 V
R
L = 350 Ω
R
L = 1 kΩ
R
L = 4 kΩ
0
20
40
60
80
100
120
- 40
- 20
0
20
40
60
80
T
amb - Ambient Temperature (°C)
V
CC = 5 V
I
F = 7.5 mA
t
PLH = 4 kΩ
t
PLH = 1 kΩ
t
PLH = 350 Ω
t
PHL = 350 Ω, 1 kΩ, 4 kΩ
0
20
40
60
80
100
120
5
7
9
11
13
15
I
F - Forward Current (mA)
t
PLH = 4 kΩ
t
PLH = 1 kΩ
t
PLH = 350 Ω
t
PHL = 350 Ω, 1 kΩ, 4 kΩ
0
10
20
30
40
50
60
70
- 40
- 20
0
20
40
60
80
T
amb - Ambient Temperature (°C)
V
CC = 5 V
I
F = 7.5 mA
R
L = 4 kΩ
R
L = 1 kΩ
R
L = 350 Ω


유사한 부품 번호 - 6N137A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
6N137A VISHAY-6N137A Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X001 VISHAY-6N137A-X001 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X007T VISHAY-6N137A-X007T Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A-X017T VISHAY-6N137A-X017T Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
More results

유사한 설명 - 6N137A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
VO0600T VISHAY-VO0600T_12 Datasheet
156Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8
Rev. 2.0, 25-Oct-12
VOW137 VISHAY-VOW137 Datasheet
193Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
Rev. 1.0, 07-Aug-14
VOW2611 VISHAY-VOW2611 Datasheet
191Kb / 12P
   Widebody, High Isolation, High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com