전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

C122A1 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 C122A1
부품 상세설명  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

C122A1 데이터시트(HTML) 1 Page - Motorola, Inc

  C122A1 Datasheet HTML 1Page - Motorola, Inc C122A1 Datasheet HTML 2Page - Motorola, Inc C122A1 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36
Motorola Thyristor Device Data
Silicon Controlled Rectifiers
Reverse Blocking Triode Thyristors
. . . designed primarily for full-wave ac control applications, such as motor controls,
heating controls and power supplies; or wherever half-wave silicon gate-controlled,
solid-state devices are needed.
• Glass Passivated Junctions and Center Gate Fire for Greater Parameter
Uniformity and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
• Blocking Voltage to 800 Volts
• Different Leadform Configurations,
Suffix (2) thru (6) available, see Leadform Options (Section 4) for Information
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Repetitive Peak Off-State Voltage(1) (TJ = 25 to 100°C, Gate Open)
Repetitive Peak Reverse Voltage
C122F1
C122A1
C122B1
C122D1
C122M1
C122N1
VDRM
VRRM
50
100
200
400
600
800
Volts
Peak Non-repetitive Reverse Voltage(1)
C122F1
C122A1
C122B1
C122D1
C122M1
C122N1
VRSM
75
200
300
500
700
800
Volts
Forward Current RMS
TC p 75°C
(All Conduction Angles)
IT(RMS)
8
Amps
Peak Forward Surge Current
(1/2 Cycle, Sine Wave, 60 Hz)
ITSM
90
Amps
Circuit Fusing Considerations
(t = 8.3 ms)
I2t
34
A2s
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however,
(cont.)
positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a
constant current source such that the voltage ratings of the devices are exceeded.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
C122()1
Series
CASE 221A-04
(TO-220AB)
STYLE 3
SCRs
8 AMPERES RMS
50 thru 800 VOLTS
K
A
G


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
MCR106 Silicon Controlled Rectifiers 1  2  3  4  Motorola, Inc
MCR8S Silicon Controlled Rectifiers 1  2  Motorola, Inc
LSCP10C60 Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
S6200 THYRISTORS SILICON CONTROLLED RECTIFIERS 1  2  Motorola, Inc
MCK100-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
MCR12 Silicon Controlled Rectifiers 1  2  Motorola, Inc
UTCML1225 The XL1225/ML1225 silicon controlled rectifiers 1  2  Unisonic Technologies
SCP6C60 SILICON CONTROLLED RECTIFIERS 1  2  3  4  5  List of Unclassifed Manufacturers
F0810 Silicon controlled rectifiers 1  List of Unclassifed Manufacturers
SCD6C60 Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn