전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

C122A1 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 C122A1
부품 상세설명  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

C122A1 데이터시트(HTML) 2 Page - Motorola, Inc

  C122A1 Datasheet HTML 1Page - Motorola, Inc C122A1 Datasheet HTML 2Page - Motorola, Inc C122A1 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C122()1 Series
37
Motorola Thyristor Device Data
MAXIMUM RATINGS — continued
Rating
Symbol
Value
Unit
Forward Peak Gate Power (t = 10
µs)
PGM
5
Watts
Forward Average Gate Power
PG(AV)
0.5
Watt
Forward Peak Gate Current
IGM
2
Amps
Operating Junction Temperature Range
TJ
–40 to +100
°C
Storage Temperature Range
Tstg
–40 to +125
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.8
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, Gate Open)
TC = 25°C
TC = 100°C
IDRM, IRRM
10
0.5
µA
mA
Peak On-State Voltage(1)
(ITM = 16 A Peak, TC = 25°C)
VTM
1.83
Volts
Gate Trigger Current (Continuous dc)
(VD = 6 V, RL = 91 Ohms, TC = 25°C)
(VD = 6 V, RL = 45 Ohms, TC = –40°C)
IGT
25
40
mA
Gate Trigger Voltage (Continuous dc)
(VD = 6 V, RL = 91 Ohms, TC = 25°C)
(VD = 6 V, RL = 45 Ohms, TC = –40°C)
(VD = Rated VDRM, RL = 1000 Ohms, TC = 100°C)
VGT
0.2
1.5
2
Volts
Holding Current
(VD = 24 Vdc, IT = 0.5 A, 0.1 to 10 ms Pulse,
Gate Trigger Source = 7 V, 20 Ohms)
TC = 25°C
TC = –40°C
IH
30
60
mA
Turn-Off Time (VD = Rated VDRM)
(ITM = 8 A, IR = 8 A)
tq
50
µs
Critical Rate-of-Rise of Off-State Voltage
(VD = Rated VDRM, Linear, TC = 100°C)
dv/dt
50
V/
µs
1. Pulse Test: Pulse Width = 1 ms, Duty Cycle
p 2%.
360
°
240
°
180
°
120
°
RESISTIVE OR
INDUCTIVE LOAD.
50 TO 400 Hz
85
75
65
95
FIGURE 2 – CURRENT DERATING (FULL-WAVE)
100
60
80
90
70
0
1
8
7
4
5
6
3
2
ONE CYCLE OF SUPPLY FREQUENCY
0
360
CONDUCTION
ANGLE
CONDUCTION
ANGLE
IT(AV), AVERAGE ON-STATE CURRENT (AMPERES)
60
° 90°
180
°
FIGURE 1 – CURRENT DERATING (HALF-WAVE)
0
100
1
IT(AV), AVERAGE ON-STATE FORWARD CURRENT (AMPERES)
8
0
CONDUCTION
ANGLE
360
7
4
5
6
60
80
90
70
3
2
DC
CONDUCTION
ANGLE = 30
°
120
°
CONDUCTION
ANGLE = 60
°


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page

관련 부품명

부품명부품 상세설명Html View제조업체
MCR106 Silicon Controlled Rectifiers 1  2  3  4  Motorola, Inc
MCR8S Silicon Controlled Rectifiers 1  2  Motorola, Inc
LSCP10C60 Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
S6200 THYRISTORS SILICON CONTROLLED RECTIFIERS 1  2  Motorola, Inc
MCK100-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
MCR12 Silicon Controlled Rectifiers 1  2  Motorola, Inc
UTCML1225 The XL1225/ML1225 silicon controlled rectifiers 1  2  Unisonic Technologies
SCP6C60 SILICON CONTROLLED RECTIFIERS 1  2  3  4  5  List of Unclassifed Manufacturers
F0810 Silicon controlled rectifiers 1  List of Unclassifed Manufacturers
SCD6C60 Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor

링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn