전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB012C04Q8 데이터시트(PDF) 7 Page - Cystech Electonics Corp.

부품명 MTB012C04Q8
상세설명  N- and P-Channel Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB012C04Q8 데이터시트(HTML) 7 Page - Cystech Electonics Corp.

Back Button MTB012C04Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 9Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 10Page - Cystech Electonics Corp. MTB012C04Q8 Datasheet HTML 11Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C049Q8
Issued Date : 2017.04.24
Revised Date :
Page No. : 7/12
MTB012C04Q8
CYStek Product Specification
Typical Characteristics : Q2( P-channel)
Typical Output Characteristics
0
10
20
30
40
50
01
23
4
5
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
-10V, -6V, -5.5V,-5V,-4.5V,-4V
-VDS, Drain-Source Voltage(V)
-3.5V
-3V
ID=-250μA,
V
VGS=-2.5V
=0V
GS
Static Drain-Source On-State resistance vs Drain Current
10
100
0.01
0.1
1
10
100
-ID, Drain Current(A)
VGS=-4.5V
-10V
Source Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
024
68
10
-IS, Source Drain Current(A)
VGS=0V
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
5
10
15
20
25
30
35
40
45
50
02468
1
-VGS, Gate-Source Voltage(V)
0
ID=-7A
ID=-5A
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=-10V, ID=-7A
RDS(ON)@Tj=25°C : 15.4mΩ typ.


유사한 부품 번호 - MTB012C04Q8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB012N04J3 CYSTEKEC-MTB012N04J3 Datasheet
401Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB012N04J3-0-T3-G CYSTEKEC-MTB012N04J3-0-T3-G Datasheet
401Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB012N04Q8 CYSTEKEC-MTB012N04Q8 Datasheet
486Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB012N04Q8 DOINGTER-MTB012N04Q8 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB012N04Q8-0-T3-G CYSTEKEC-MTB012N04Q8-0-T3-G Datasheet
486Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB012C04Q8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com