전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA1-DC12V-C 데이터시트(PDF) 5 Page - Nais(Matsushita Electric Works)

부품명 CA1-DC12V-C
상세설명  AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NAIS [Nais(Matsushita Electric Works)]
홈페이지  
Logo NAIS - Nais(Matsushita Electric Works)

CA1-DC12V-C 데이터시트(HTML) 5 Page - Nais(Matsushita Electric Works)

  CA1-DC12V-C Datasheet HTML 1Page - Nais(Matsushita Electric Works) CA1-DC12V-C Datasheet HTML 2Page - Nais(Matsushita Electric Works) CA1-DC12V-C Datasheet HTML 3Page - Nais(Matsushita Electric Works) CA1-DC12V-C Datasheet HTML 4Page - Nais(Matsushita Electric Works) CA1-DC12V-C Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CA
387
REFERENCE DATA
1. Coil temperature rise
Tested sample: CA1aS-12V-N-5, 5 pcs.
Point measured: Inside the coil
Contact carrying current: 20A
Ambient temperature: Room temperature,
85
°C 185°F
2. Electrical life test (Motor load)
Tested sample: CA1a-12V-N-5, 5 pcs.
Load: Steady 30A, Inrush 150A, 12V DC
Operate frequency: ON 3s, OFF 15s
Ambient temperature: Room temperature
12
14
16
140
120
100
80
60
40
20
0
85
°C
185
°F
Room
temperature
Coil applied voltage, V
0
2
4
6
8
10
02
X
X
Max.
Max.
Min.
Min.
No. of operations,
×104
Contact welding: 0 times
Miscontact: 0 times
Pick-up voltage
Drop-out voltage
For Cautions for use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


유사한 부품 번호 - CA1-DC12V-C

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
CA1-12V-C PANASONIC-CA1-12V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-12V-N PANASONIC-CA1-12V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-C PANASONIC-CA1-24V-C Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
CA1-24V-N PANASONIC-CA1-24V-N Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
Carling Technologies
CA1-B0-34-630-121 CARLINGTECH-CA1-B0-34-630-121 Datasheet
4Mb / 28P
   CIRCUIT BREAKER
More results

유사한 설명 - CA1-DC12V-C

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
CA1A-12V-A-5 PANASONIC-CA1A-12V-A-5 Datasheet
112Kb / 6P
   AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com