전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BALF-NRG-01D3 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 BALF-NRG-01D3
상세설명  Low amplitude imbalance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-NRG-01D3 데이터시트(HTML) 1 Page - STMicroelectronics

  BALF-NRG-01D3 Datasheet HTML 1Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 2Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 3Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 4Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 5Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 6Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 7Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 8Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
September 2015
DocID026543 Rev 4
1/13
13
BALF-NRG-01D3
50 Ω nominal input / conjugate match balun to BlueNRG
transceiver, with integrated harmonic filter
Datasheet
production data
Features
• 50 nominal input / conjugate match to
BlueNRG device
• Low insertion loss
• Low amplitude imbalance
• Low phase imbalance
• Wafer level chip scale package (WLCSP)
Benefits
• Very low profile: < 670 µm
• High RF performance
• RF BOM reduction
• Small footprint
Applications
• Bluetooth low energy impedance matched
balun filter
• Optimized for ST BlueNRG RFIC
Description
STMicroelectronics BALF-NRG-01D3 is an ultra
miniature balun. The BALF-NRG-01D3 integrates
matching network and harmonics filter. Matching
impedance has been customized for the
BlueNRG ST transceiver (both QFN and WLCSP
versions). It is using STMicroelectronics IPD
technology on non conductive glass substrate
which optimizes RF performance.
Figure 1. Application schematic with QFN type
BlueNRG
Figure 2. Application schematic with WLCSP
type BlueNRG
Flip-Chip package 4 bumps
www.st.com


유사한 부품 번호 - BALF-NRG-01D3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
3Mb / 5P
   SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
DS12630 - Rev 1 - July 2018
More results

유사한 설명 - BALF-NRG-01D3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
   Low amplitude imbalance
BAL-NRF02D3 STMICROELECTRONICS-BAL-NRF02D3 Datasheet
765Kb / 11P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-2690-02D3 STMICROELECTRONICS-BALF-2690-02D3 Datasheet
525Kb / 9P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com