전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74438357022 데이터시트(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74438357022
상세설명  WE-MAPI SMD Shielded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74438357022 데이터시트(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74438357022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357022 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357022 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357022 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438357022 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-MAPI of
Würth Elektronik eiSos GmbH & Co. KG:
General:
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the iron powder material of the core could flake or in the worst case it could
break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
• To improve the solderability of bottom termination components please refer to appnote ANP036 on our homepage.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDe
DIN ISO 2768-1m
DESCRIPTION
WE-MAPI SMD Shielded Power
Inductor
ORDER CODE
74438357022
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4030
001.000
Valid
2016-06-21
eiSos
6/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 74438357022

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74438357010 WURTH-74438357010 Datasheet
579Kb / 7P
   WE-MAPI SMD Shielded Power
74438357012 WURTH-74438357012 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357015 WURTH-74438357015 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357018 WURTH-74438357018 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357033 WURTH-74438357033 Datasheet
760Kb / 7P
   WE-MAPI SMT Power Inductor
002.000
More results

유사한 설명 - 74438357022

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744383430056 WURTH-744383430056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383130033 WURTH-744383130033 Datasheet
497Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438333022 WURTH-74438333022_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438335068 WURTH-74438335068_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438356015 WURTH-74438356015 Datasheet
516Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343015 WURTH-74438343015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343022 WURTH-74438343022 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357015 WURTH-74438357015 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324033 WURTH-74438324033 Datasheet
1Mb / 6P
   WE-MAPI SMD Shielded Power Inductor
74438324012 WURTH-74438324012 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357012 WURTH-74438357012 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com