전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP150N 데이터시트(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

부품명 IRFP150N
상세설명  100V,60A Heatsink N-Channel Type Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRFP150N 데이터시트(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  IRFP150N Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRFP150N Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRFP150N Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
b) Electrical Parameters: 
 
Symbol 
Parameter 
Test Conditions 
Min 
Typ 
Max 
Unit 
   VDS 
Drain‐source Voltage 
VGS =0V, ID=250µA 
100 
120  
   RDS(on)  Static Drain‐to‐Source 
on‐Resistance 
VGS =10V, ID=30A  
25 
30 
mΩ 
VGS(th) 
Gated Threshold Voltage 
VDS= VGS, ID=250µA 
2.0 
3.0 
4.0 
V
IDSS 
Zero Gate Voltage Drain 
Current 
VDS=100V, VGS = 0V  
 
1.0 
µA
IGSS(F) 
Gated Body Leakage 
Current 
VGS = +25V,  
 
100 
nA
IGSS(R) 
Gated Body Leakage 
Current 
VGS = ‐25V,  
 
‐100 
nA
   Ciss 
Input Capacitance 
VGS =0V, 
VDS=30V, 
f=1.0MHZ 
 
4200 
pF
Coss 
Output Capacitance  
440 
pF
Crss 
Reverse Transfer 
Capacitance 
 
218 
pF
Qg 
Total Gate Charge 
VDS=80V 
ID=40A 
VGS=10V 
 
92 
nC 
Qgs 
Gate‐Source Charge  
25 
nC 
Qgd 
Gate‐Drain Charge  
31 
nC 
 
Symbol 
Parameter 
Test Conditions 
Min 
Typ 
Max 
Unit 
td(on) 
Turn‐on Delay Time 
VDD=35V,ID=10A 
VGS=10V,RG=6Ω 
 
16  
nS 
tr 
Turn‐on Rise Time  
26  
nS 
td(off) 
Turn‐off Delay Time  
70  
nS 
tf 
Turn‐off Fall Time  
71  
nS 
 
 
 
 
 
Symbol 
Parameter 
Test Conditions 
Min 
Typ 
Max 
Unit 
ISD 
S‐D Current(Body Diode)  
 
60  
ISDM 
Pulsed   S‐D Current(Body Diode)  
 
240  
VSD 
Diode Forward Voltage 
VGS =0V, IDS=40A  
 
1.3 
V
trr 
Reverse Recovery Time 
TJ=25℃,IF=40A 
di/dt=100A/us 
 
82  
nS 
Qrr 
Reverse Recovery Charge  
150  
nC 
 
*Pulse Test: Pulse Width <= 300µs, Duty Cycle< =2% 
Symbol
Paramter
Typ
Units
RθJC
Junction‐to‐Case 
0.6
/W
®
IRFP150N
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/3
Rev.05


유사한 부품 번호 - IRFP150N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
logo
Fairchild Semiconductor
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Inchange Semiconductor ...
IRFP150N ISC-IRFP150N Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRFP150N ARTSCHIP-IRFP150N Datasheet
258Kb / 7P
   HEXFET Power MOSFET
logo
International Rectifier
IRFP150NPBF IRF-IRFP150NPBF Datasheet
1Mb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFP150N

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
IRFP150A THINKISEMI-IRFP150A Datasheet
724Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
IXTP60N10T THINKISEMI-IXTP60N10T Datasheet
1Mb / 7P
   60A,100V Heatsink Trench N-Channel Power MOSFET
SUP60N10 THINKISEMI-SUP60N10 Datasheet
1Mb / 7P
   60A,100V Heatsink Trench N-Channel Power MOSFET
CEP60N10 THINKISEMI-CEP60N10 Datasheet
1Mb / 5P
   60A,100V Heatsink Planar N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
B60N10 WXDH-B60N10 Datasheet
719Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
I60N10 WXDH-I60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
713Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com