전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP150N 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 IRFP150N
상세설명  100V,60A Heatsink N-Channel Type Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRFP150N 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  IRFP150N Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRFP150N Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRFP150N Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G
A
 
E
a
S
General Fe
VDS=100V
Rdson≦30
Extended
Low Reve
100% Sin
Applicatio
Power sw
Load swi
Electrical C
a) Limited 
Symbol 
VDSS 
Dr
ID 
Dr
IDM 
Dr
VGS 
Ga
Ptot 
To
Tj 
M
Eas 
Sin
eatures 
V,ID=60A 
mΩ @VGS=10
d Safe Operati
erse transfer 
ngle Pulse ava
on 
witching appl
tch 
Character
Parameters
rain‐to‐Sourc
rain Current 
rain Current 
ate to Source
otal Dissipatio
ax. Operatin
ngle Pulse Av
0V   (Typ:25m
ng Area
 
capacitances
alanche energ
ication 
ristics @ Ta
s: 
Param
ce Breakdow
(continuous)
(pulsed) 
e Voltage 
on at Tc=25℃
g Junction T
valanche Ene
mΩ) 
gy Test 
a=25℃    
meter 
wn Voltage 
) at Tc=25℃
℃ 
emperature 
ergy 
  (unless o
 
therwise sp
pecified) 
Value 
100 
60 
240 
+/‐25 
300 
175 
750 
Units 
℃ 
mj 
G
D
S
®
IRFP150N
Pb Free Plating Product
IRFP150N
Pb
100V,60A Heatsink N-Channel Type Power MOSFET
2. Drain
3. Source
1. Gate
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.05


유사한 부품 번호 - IRFP150N

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
logo
Fairchild Semiconductor
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Inchange Semiconductor ...
IRFP150N ISC-IRFP150N Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRFP150N ARTSCHIP-IRFP150N Datasheet
258Kb / 7P
   HEXFET Power MOSFET
logo
International Rectifier
IRFP150NPBF IRF-IRFP150NPBF Datasheet
1Mb / 9P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRFP150N

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
IRFP150A THINKISEMI-IRFP150A Datasheet
724Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
IXTP60N10T THINKISEMI-IXTP60N10T Datasheet
1Mb / 7P
   60A,100V Heatsink Trench N-Channel Power MOSFET
SUP60N10 THINKISEMI-SUP60N10 Datasheet
1Mb / 7P
   60A,100V Heatsink Trench N-Channel Power MOSFET
CEP60N10 THINKISEMI-CEP60N10 Datasheet
1Mb / 5P
   60A,100V Heatsink Planar N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
B60N10 WXDH-B60N10 Datasheet
719Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
E60N10 WXDH-E60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
F60N10 WXDH-F60N10 Datasheet
715Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
I60N10 WXDH-I60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
D60N10 WXDH-D60N10 Datasheet
713Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
60N10 WXDH-60N10 Datasheet
714Kb / 10P
   60A 100V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com