전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DTCP20231 데이터시트(PDF) 2 Page - Teledyne Technologies Incorporated

부품명 DTCP20231
부품 상세설명  ULTRA HI-SPEED THRESHOLD DETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

DTCP20231 데이터시트(HTML) 2 Page - Teledyne Technologies Incorporated

  DTCP20231 Datasheet HTML 1Page - Teledyne Technologies Incorporated DTCP20231 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
DTCP20231
Threshold Power @ R = 20 Ohms
DTCP20231
Typical Performance
K E Y : + 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
-8
-9
-10
-11
-12
-13
-14
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
Threshold Power @ R = 500 Ohms
0
-1
-2
-3
-4
-5
-6
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
1000
100
10
1
Control Resistance vs. Threshold Power (dBm)
T H R E S H O L D P O W E R - d B m
-18
-16
-14
-12
-10
-8
-6
-4
-2
Input VSWR @ Pin = –12 dBm
3.5
3.0
2.5
2.0
1.5
1.0
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
Input VSWR @ –4 dBm
4.0
3.5
3.0
2.5
2.0
1.5
1.0
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
F r e q u e n c y = 1 0 G H z
Hysterisis Vs Threshold Power
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
I N P U T P O W E R - d B m
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
TTL Logic Out 800 mV/div
RF Input 20 mV/div
Time Base: 2.0 ηs/div
Threshold Power @ R = 20 Ohms
DTCP20231
Typical Performance
K E Y : + 2 5 ° C
+ 8 5 ° C
- 4 0 ° C
-8
-9
-10
-11
-12
-13
-14
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
Threshold Power @ R = 500 Ohms
0
-1
-2
-3
-4
-5
-6
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
1000
100
10
1
Control Resistance vs. Threshold Power (dBm)
T H R E S H O L D P O W E R - d B m
-18
-16
-14
-12
-10
-8
-6
-4
-2
Input VSWR @ Pin = –12 dBm
3.5
3.0
2.5
2.0
1.5
1.0
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
Input VSWR @ –4 dBm
4.0
3.5
3.0
2.5
2.0
1.5
1.0
F R E Q U E N C Y - G H z
0
1
2
3
4
6
8
10
12
14
16
17
18
19
20
F r e q u e n c y = 1 0 G H z
Hysterisis Vs Threshold Power
1.0
0.5
0.0
-0.5
-1.0
-1.5
-2.0
I N P U T P O W E R - d B m
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
F = 2.0 GHz, Rise Time
F = 2.0 GHz, Fall Time
F = 10.0 GHz, Rise Time
F = 10.0 GHz, Fall Time
F = 18.0 GHz, Rise Time
F = 18.0 GHz, Fall Time
90%
50%
t = 0
t = 7.5ηs
RF Input
TTL Out
RF Input
TTL Out
10%
50%
t = 0
50%
t = 0
t = 8.0ηs
RF Input
TTL Out
90%
50%
t = 0
t = 8.0ηs
RF Input
TTL Out
10%
50%
t = 0
t = 12.5ηs
RF Input
TTL Out
90%
50%
t = 0
t = 8.0ηs
RF Input
TTL Out
10%
Pulse Response


유사한 부품 번호 - DTCP20231

제조업체부품명데이터시트부품 상세설명
Teledyne Technologies Incorporated
Teledyne Technologies I...
DTCP18001 TELEDYNE-DTCP18001 Datasheet
281Kb / 2P
   0.01 TO 18.0 GHz ULTRA BROADBAND HIGH FREQUENCY THRESHOLD DETECTOR
More results

유사한 설명 - DTCP20231

제조업체부품명데이터시트부품 상세설명
Teledyne Technologies Incorporated
Teledyne Technologies I...
DTS8031 TELEDYNE-DTS8031 Datasheet
222Kb / 2P
   0.5 TO 8.0 GHz ULTRA HI-SPEED DTS8031 THRESHOLD DETECTOR
Spectrum Microwave, Inc.
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
   Threshold Detector
DAICO Industries, Inc.
DAICO Industries, Inc.
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
   Threshold Detector
API Technologies Corp
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
   THRESHOLD DETECTOR
DAICO Industries, Inc.
DAICO Industries, Inc.
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
   Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
   Threshold Detector
Spectrum Microwave, Inc.
Spectrum Microwave, Inc...
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
   Threshold Detector
API Technologies Corp
API Technologies Corp
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
   THRESHOLD DETECTOR
TMJ9904 APITECH-TMJ9904 Datasheet
103Kb / 1P
   THRESHOLD DETECTOR
TMJ9903 APITECH-TMJ9903 Datasheet
209Kb / 1P
   THRESHOLD DETECTOR
More results


Html Pages

1  2 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz