전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744154 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744154
상세설명  WE-SI Leaded Toroidal Storage Choke
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744154 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744154_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744154_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744154_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744154_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0
4.0
REV
2015-05-20
2009-12-01
DATE
SSt
CZ
BY
HasA
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SI Leaded Toroidal Storage Choke
Order.- No.
744154
SIZE
A4
A Dimensions: [mm]
Ø D
W max.
G ±2
G1 min.
Pw ±1.5
Ø F ref.
32.0
16.5
12.0
1.0
13.0
1.0
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated inductance
Rated current
Saturation current
DC Resistance
Self resonant frequency
Test conditions
10 kHz / 5 mA
10 kHz / 5 mA / IR
∆T = 40 K
|ΔL/L| < 10%
@ 20°C
L
LR
IR
Isat
RDC
fres
Value
172
85
6.5
2.0
0.055
3.1
Unit
µH
µH
A
A
Ω
MHz
Tol.
±20%
typ.
max.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 105°C un-
der worst case operating conditions.
•Ambient temperature: -40°C to +65°C (refering to IR)
•Operating temperature: -40°C to +105°C
•Storage temperature (in tray packaging): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744154_15

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744154 WURTH-744154 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
More results

유사한 설명 - 744154_15

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744156 WURTH-744156_15 Datasheet
572Kb / 4P
   WE-SI Leaded Toroidal Storage Choke
744139 WURTH-744139_15 Datasheet
573Kb / 4P
   WE-SI Leaded Toroidal Storage Choke
744137 WURTH-744137_15 Datasheet
572Kb / 4P
   WE-SI Leaded Toroidal Storage Choke
744132 WURTH-744132 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744134 WURTH-744134 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744112 WURTH-744112 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744103 WURTH-744103 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744106 WURTH-744106 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
744153 WURTH-744153 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
7441501 WURTH-7441501 Datasheet
107Kb / 1P
   TOROIDAL LINE CHOKE WE-SI
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com