전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8S0765RCBTU 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FS8S0765RCBTU
상세설명  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS8S0765RCBTU 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FS8S0765RCBTU Datasheet HTML 7Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 8Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 9Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 10Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 11Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 12Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 13Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 14Page - Fairchild Semiconductor FS8S0765RCBTU Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FS8S0765RCB
11
Functional Description
1.
1.
1.
1. Start up : To guarantee stable operation of the
control IC, FS8S0765RCB has UVLO circuit with 6V
hysteresis band. Figure 1 shows the relation between the sup-
ply current (Icc) and the supply voltage (Vcc). Before Vcc
reaches 15V, the FPS consumes only startup current of
80
µA, which is usually provided by the DC link through
start-up resistor. When Vcc reaches 15V, the FPS begins
operation and the operating current increases to 15mA as
shown. Once the control IC starts operation, it continues its
normal operation until Vcc goes below the stop voltage of
9V
Figure 1. Strat up with hysteresis
2. Feedback Control : FS8S0765RCB employs primary side
regulation, which permits elimination of feedback circuit
components in the secondary side such as opto coupler and
TL431. Figure 2 shows the primary side control circuit. The
primary side regulation voltage (Vpsr) is controlled to the
breakdown voltage of zener diode (Dz). Because current
mode control is employed, the drain current of the power
MOSFET is limited by the inverting input of PWM compara-
tor (Vfb*). When MOSFET turns on, usually there exists
high current spike in the MOSFET current caused by pri-
mary-side capacitance and secondary-side rectifier reverse
recovery. In order to prevent premature termination of the
switching pulse due to the current spike, the FPS employs
leading edge blanking (LEB). The leading edge blanking cir-
cuit inhibits the PWM comparator for a short time after the
MOSFET is turned on.
Figure 2. Primary side control circuit
3. Protection function : FS8S0765RCB has 4 self
protective functions such as abnormal over current protec-
tion (AOCP), over load protection (OLP), over voltage pro-
tection (OVP) and thermal shutdown (TSD). Because these
protection circuits are fully integrated into the IC without
external components, the reliability can be improved without
cost increase. In the event of these fault conditions, the FPS
enters into auto-restart operation. Once the fault condition
occurs, switching operation is terminated and MOSFET
remains off, which forces Vcc to be reduced. When Vcc
reaches 9V, the protection is reset and the supply current
reduces to 80 uA. Then, Vcc begin to increase with the cur-
rent provided through the start-up resistor. When Vcc
reaches 15V, the FPS resumes its normal operation if the
fault condition is removed. In this manner, the auto-restart
alternately enables and disables the switching of the power
MOSFET until the fault condition is eliminated as illustrated
in figure 3.
Figure 3. Auto restart operation after protection
3.1 Abnormal Over Current Protection (AOCP) : When
the secondary rectifying diodes or the transformer pins are
shorted, a steep current with extremely high di/dt can flow
during the LEB time. Therefore, the abnormal over current
protection (AOCP) block is added to ensure the reliability as
shown in figure 4. It turns off the SenseFET within 300ns
after the abnormal over current condition is sensed.
Figure 4. AOCP block
Vstop=9V
Vstart=15V
80uA
OVP
Vcc
Icc
15mA
4
OSC
Vcc
V ref
2uA
0.9m A
V
SD
R
2.5R
FB
Gate
driv er
OL P
D1
D 2
Vfb*
Vfb
Cfb
D
Z
R
Z
V
psr
tim e
tim e
V
V
15V
9V
Vcc
Vds
Prote c tion is a c tiva te d
(O CP,O LP,O VP or T SD)
Au to re sta rt
Vc c
GATE
DRIVER
AOCP COMP.
Vsense : 1V
SenseFET
S Q'
R
OVP
OLP
TSD
UVLO
PWM Comp


유사한 부품 번호 - FS8S0765RCBTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FS8S0765RCBTU FAIRCHILD-FS8S0765RCBTU Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results

유사한 설명 - FS8S0765RCBTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com