전자부품 데이터시트 검색엔진 |
|
744917095 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744917095 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 6 page No Component min. 160 mm Components No Component min. 100 mm Cover Tape min. 400 mm Carrier tape Cover tape Packaging is referred to the international standard IEC 60286-3; 2013 top cover tape A0 P1 P2 P0 D0 T1 K0 T End Feeding direction Start T3 A0 B0 W P1 T T1 D0 E1 E2 F G P0 P2 Tape VPE / packaging unit tolerance typ. typ. ±0,1 ±0,1 typ. max. +0,1 ±0,1 min. ±0,05 min. ±0,1 ±0,05 pcs. size 0603 1.2 1.85 8 4 1.02 0.1 1.5 1.75 6.25 3.5 1.8 4 2 Paper 3000 Pull-of force Tape width 8 mm 0,1 N - 1,0 N 165° - 180° B C W3 W2 W1 close to center A B C D N W1 W2 W3 W3 tolerance ±2,0 min. ±0,8 min. min. +1.5 max. min. max. Tape width 8 mm 178 1.5 13 20.2 50 8.4 14.4 7.9 10.9 Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD KaS HBH DIN ISO 2768-1m DESCRIPTION WE-KI HC SMD High Current Wire Wound Ceramic Inductor ORDER CODE 744917095 SIZE REVISION STATUS DATE BUSINESS UNIT PAGE 0603 001.000 Valid 2015-11-10 eiSos 3/6 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
유사한 부품 번호 - 744917095 |
|
유사한 설명 - 744917095 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |