전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1085CT2.5 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 GS1085CT2.5
상세설명  3A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1085CT2.5 데이터시트(HTML) 6 Page - Vishay Siliconix

  GS1085CT2.5 Datasheet HTML 1Page - Vishay Siliconix GS1085CT2.5 Datasheet HTML 2Page - Vishay Siliconix GS1085CT2.5 Datasheet HTML 3Page - Vishay Siliconix GS1085CT2.5 Datasheet HTML 4Page - Vishay Siliconix GS1085CT2.5 Datasheet HTML 5Page - Vishay Siliconix GS1085CT2.5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GS1085
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74821
6
24-May-02
9.65
10.29
8.63
9.66
14.60
15.88
1
23
4.06
4.83
1.14
1.40
0.7 (max.)
2.28
2.80
0.50
1.00
1.14
1.40
2.54 (TYP.)
1.40 (max.)
TO-263
TO-252 (DPAK)
5.59
5.33
10.42
9.40
5.46
5.21
6.73
6.35
0.58
0.46
2.38
2.19
2.28 (TYP.)
0.88
0.64
1
3
2
1.27
1.02
0.51 (min.)
Dimensions in millimeters
10.66
9.66
6.35 Max.
3.42
2.54
4.08
3.54
6.85
5.85
16.51
14.23
14.73
12.70
1.77
1.15
1.01
0.38
2.79
2.29
(with plating)
4.82
3.56
1.39
0.51
1.14
0.31
2.92
2.04
(with plating)
TO-220
Case Outlines


유사한 부품 번호 - GS1085CT2.5

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS1085L ETC-GS1085L Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
Version_1.2
GS1085LD ETC-GS1085LD Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
Version_1.2
GS1085LD15F ETC-GS1085LD15F Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
Version_1.2
GS1085LD18F ETC-GS1085LD18F Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
Version_1.2
GS1085LD25F ETC-GS1085LD25F Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
Version_1.2
More results

유사한 설명 - GS1085CT2.5

제조업체부품명데이터시트상세설명
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
RH1085 LINER-RH1085 Datasheet
64Kb / 4P
   3A Low Dropout Positive Adjustable Regulator
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1085 A-POWER-APE1085 Datasheet
209Kb / 10P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com