전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP150R-96S24J 데이터시트(PDF) 2 Page - Artesyn Technologies

부품명 TLP150R-96S24J
상세설명  Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

TLP150R-96S24J 데이터시트(HTML) 2 Page - Artesyn Technologies

  TLP150R-96S24J Datasheet HTML 1Page - Artesyn Technologies TLP150R-96S24J Datasheet HTML 2Page - Artesyn Technologies TLP150R-96S24J Datasheet HTML 3Page - Artesyn Technologies TLP150R-96S24J Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPS100-M Series Data Sheet
EMC Characteristics
Conducted emissions
EN55022, FCC part 15
Level B
Harmonic current correction
EN61000-3-2
Compliant
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
Fast transients
EN61000-4-4
Level 4
Surge
EN61000-4-5
Level 3
Conducted immunity
EN61000-4-6
Level 3
General Specifications
Hold-up time
85 Vac @ 60 Hz
20 ms @ 150 W
Efficiency
115 Vac @ 150 W
230 Vac @ 150 W
81% typ.
84% typ.
Isolation voltage
Input/output
Input/chassis
3000 Vac
1500 Vac
Safety approvals
(see note 6)
UL/cUL UL60950-1/CSA22.2 No. 60950-1
VDE EN60950-1/IEC60950-1
Weight
260g (9.2 oz)
MTBF (@25 ºC)
Telcordia SR-332
MIL-HDBK-217F
900,000 hours min.
350,000 hours min.
Environmental Specifications
Thermal performance
Operating ambient,
(See derating curve)
0 °C to +70 °C
Non-operating
-40 °C to +85 °C
0 °C to 50 °C ambient,
200 LFM forced air
150 W
0 °C to 50 °C ambient,
convection cooled
100 W
50 °C to 70 °C ambient,
Derate linearly to 50% load
Relative humidity
Non-condensing
5 - 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 7)
5 - 500 Hz
2.4 G rms peak
Shock
per MIL-STD-810E
516.4 Part IV


유사한 부품 번호 - TLP150R-96S24J

제조업체부품명데이터시트상세설명
logo
Emerson Network Power
TLP150R-96S24J EMERSON-NETWORKPOWER-TLP150R-96S24J Datasheet
837Kb / 4P
   150 W on main channel with only 200 LFM
More results

유사한 설명 - TLP150R-96S24J

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com