전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP150R-96S36J 데이터시트(PDF) 3 Page - Artesyn Technologies

부품명 TLP150R-96S36J
상세설명  Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

TLP150R-96S36J 데이터시트(HTML) 3 Page - Artesyn Technologies

  TLP150R-96S36J Datasheet HTML 1Page - Artesyn Technologies TLP150R-96S36J Datasheet HTML 2Page - Artesyn Technologies TLP150R-96S36J Datasheet HTML 3Page - Artesyn Technologies TLP150R-96S36J Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP150 Series Data Sheet
Ordering Information
Output
Voltage
Output Currents
Ripple (3)
Total
Regulation
Model Numbers (8, 10)
Min
Max (free air)(1, 4)
Max (forced air) (2, 4)
12 V
0 A
8.4 A
12.5 A
120 mV
± 3.0%
TLP150R-96S12J
24 V
0 A
4.2 A
6.3 A
240 mV
± 3.0%
TLP150R-96S24J
36 V
0 A
2.7 A
4.2 A
360 mV
± 3.0%
TLP150R-96S36J
48 V
0 A
2.1 A
3.2 A
480 mV
± 3.0%
TLP150R-96S48J
Notes
1 Free air convection. Maximum continuous output power not to exceed 100W. Refer to Figure 1 for the derating curve.
2 200 LFM forced air cooling from the ac input side. Maximum continuous output power not to exceed 150 W.
3 Figure is peak-to-peak for room temperature rating. Output noise measurements are made across a 20 MHz bandwidth using a 6 inch twisted pair, terminated with a 10 µF
tantalum capacitor and a 0.1 µF ceramic capacitor.
4 CAUTION: Allow a minimum of 1 second after disconnecting line power when making thermal measurements. For optimum reliability no part of the heatsink should exceed
115 °C and no semi-conductor case temperature should exceed 120 °C.
5 No external filtering required during conducted emissions testing but some applications may require additional filtering to achieve system compliance. Compliance with
radiated EMI specifications may require mounting in a suitable enclosure.
6 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
7 Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G
8 Replace the ‘J’ at the end of the model number with ‘FJ’ when the optional standby output and/or remote ON/OFF control is required e.g. TLP150R-96S12FJ.
9 12 V (fan) present when main output is present. An optional 5 Vsb (standby) output is available whenever ac input is present, regardless of remote ON/OFF signal status.
10 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
11 NOTICE: Some models do not support all options. Please contact your local Artesyn Embedded Technologies representative or use the on-line model number search tool at
www.artesyn.com/power.
12 Power good signal required 100 mA load on the main output (check with engineering on all models).
13.This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated as a standalone product. EMC
compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and System Integrators, including through Distribution Channels. It is
not intended for sale to End Users.
DERATING CURVE Output Power (Watts)
Figure 1: Derating Curve
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
100 W
150 W
200 LFM (1.0 m/s)
FORCED AIR COOLING
NATURAL CONVECTION COOLING
50
W
75 W
0 W
Figure 2: Mechanical Drawing
Dimensions in Inches (mm)
ø0.156 (4 Places)
0.225 (5.72)
J3
1
FAN
1
J4
4.550 (115.57)
5.000 (127.00)
J1
J2
1
1.250 (31.75)
Outline Dimensions
1
1
J301
Total Height
R88
Trimmer Adjust
Output Voltage
Ground/Earth
Neutral
Live
Figure 1: Derating Curve


유사한 부품 번호 - TLP150R-96S36J

제조업체부품명데이터시트상세설명
logo
Emerson Network Power
TLP150R-96S36J EMERSON-NETWORKPOWER-TLP150R-96S36J Datasheet
837Kb / 4P
   150 W on main channel with only 200 LFM
More results

유사한 설명 - TLP150R-96S36J

제조업체부품명데이터시트상세설명
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
   Single Output
logo
Power-One
5S84U51CF POWER-ONE-5S84U51CF Datasheet
255Kb / 3P
   SINGLE OUTPUT
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com