전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS8160Z36T-166I 데이터시트(PDF) 3 Page - GSI Technology

부품명 GS8160Z36T-166I
상세설명  18Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160Z36T-166I 데이터시트(HTML) 3 Page - GSI Technology

  GS8160Z36T-166I Datasheet HTML 1Page - GSI Technology GS8160Z36T-166I Datasheet HTML 2Page - GSI Technology GS8160Z36T-166I Datasheet HTML 3Page - GSI Technology GS8160Z36T-166I Datasheet HTML 4Page - GSI Technology GS8160Z36T-166I Datasheet HTML 5Page - GSI Technology GS8160Z36T-166I Datasheet HTML 6Page - GSI Technology GS8160Z36T-166I Datasheet HTML 7Page - GSI Technology GS8160Z36T-166I Datasheet HTML 8Page - GSI Technology GS8160Z36T-166I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
GS8160Z18/36BT-250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.00 8/2004
3/23
© 2004, GSI Technology
GS8160Z36BT Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC
DQC
VSS
VDDQ
DQC
DQC
FT
VDD
VDD
VSS
DQD
DQD2
VDDQ
VSS
DQD
DQD
DQD
VSS
VDDQ
VDDQ
VSS
DQB
DQB
VSS
VDDQ
DQB
DQB
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSS
DQA
DQA
VSS
VDDQ
512K x 36
Top View
DQB
DQPB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQPA
DQC
DQC
DQC
DQD
DQD
DQD
DQPD
DQC
DQPC
10099 989796959493929190898887868584838281
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


유사한 부품 번호 - GS8160Z36T-166I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8160Z36T-166I GSI-GS8160Z36T-166I Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

유사한 설명 - GS8160Z36T-166I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8162Z18BB-V GSI-GS8162Z18BB-V Datasheet
1Mb / 33P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72C GSI-GS8162Z72C Datasheet
1Mb / 31P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z72CC-V GSI-GS8162Z72CC-V Datasheet
1Mb / 27P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18CT GSI-GS8160Z18CT Datasheet
575Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18 GSI-GS8161Z18 Datasheet
939Kb / 36P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18BT-V GSI-GS8160Z18BT-V Datasheet
916Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160Z18T GSI-GS8160Z18T Datasheet
616Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8160ZV18CT GSI-GS8160ZV18CT Datasheet
565Kb / 22P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18BT-V GSI-GS8161Z18BT-V Datasheet
1Mb / 35P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8162Z18BB GSI-GS8162Z18BB Datasheet
1Mb / 34P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8161Z18B GSI-GS8161Z18B Datasheet
863Kb / 37P
   18Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com