전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ILL056V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-ILL056V1
상세설명  Peak current mode architecture
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL056V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL056V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL056V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL056V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL056V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ILL056V1
3 A buck LED driver board based on the LED5000
Data brief
Features
5.5 V to 48 V operating input voltage range
850 kHz fixed switching frequency
200 mV typ. current sense voltage drop
Buck / buck-boost / floating boost topologies
PWM dimming
±3% output current accuracy over
temperature
200 mOhm typical RDS(on)
Peak current mode architecture
Short-circuit protection
Compliant with ceramic output capacitors
Inhibit for zero current consumption
Thermal shutdown
RoHS compliant
Description
The STEVAL-ILL056V1 is a product evaluation
board based on the LED5000, an 850 kHz fixed
switching frequency monolithic step-down DC-DC
converter designed to operate as a precise
constant current source with an adjustable
current capability up to 3 A DC.The embedded
PWM dimming circuitry features LED brightness
control. The regulated output current level is set
by connecting a sensing resistor to the feedback
pin. The 200 mV typical RSENSE voltage drop
enhances performance in terms of efficiency.The
size of the overall application is minimized thanks
to the high switching frequency and its
compatibility with ceramic output capacitors. The
device is fully protected against overheating,
overcurrent and output short-circuit.
November 2013
DocID025539 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


유사한 부품 번호 - STEVAL-ILL056V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL051V1 STMICROELECTRONICS-STEVAL-ILL051V1 Datasheet
217Kb / 4P
   3 A HB LED driver with dimming function based on the LED2000 in an SO-8 Batwing package
May 2016 Rev 2
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
   Internal current limiting
May 2016 Rev 2
STEVAL-ILL052V1 STMICROELECTRONICS-STEVAL-ILL052V1 Datasheet
84Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL053V1 STMICROELECTRONICS-STEVAL-ILL053V1 Datasheet
95Kb / 4P
   RoHS compliant
October 2012 Rev 1
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
   Internal current limiting
More results

유사한 설명 - STEVAL-ILL056V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ILL065V1 STMICROELECTRONICS-STEVAL-ILL065V1 Datasheet
162Kb / 4P
   Peak current mode architecture
August 2014 Rev 1
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
   Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
   Peak Current Mode PWM Controller Boost EV Board
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_13 Datasheet
1Mb / 23P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 2; 6/13
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
   Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com