전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25141RGER 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25141RGER
상세설명  Wide Input Range Synchronous Buck Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141RGER 데이터시트(HTML) 1 Page - Texas Instruments

  LM25141RGER Datasheet HTML 1Page - Texas Instruments LM25141RGER Datasheet HTML 2Page - Texas Instruments LM25141RGER Datasheet HTML 3Page - Texas Instruments LM25141RGER Datasheet HTML 4Page - Texas Instruments LM25141RGER Datasheet HTML 5Page - Texas Instruments LM25141RGER Datasheet HTML 6Page - Texas Instruments LM25141RGER Datasheet HTML 7Page - Texas Instruments LM25141RGER Datasheet HTML 8Page - Texas Instruments LM25141RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
VOUT
RES
AGND
SS
COMP
PGND
VOUT
CS
LO
SW
HO
HB
VIN
LM5141-Q1
VIN
VCC
HOL
LOL
EN
OSC
DEMB
VCCX
VDDA
PG
FB
RT
DITH
CBST
DBST
COUT
LOUT
RSENSE
CIN
CRES
CSS
CDITH
RT
CVDDA
CVCC
RCOMP CCOMP
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM25141
SNVSAU1 – MARCH 2017
LM25141 Wide Input Range Synchronous Buck Controller
1
1 Features
1
–40ºC to +125ºC Ambient Operating Temperature
Range
An AEC-Q100 Qualified Device is Available
VIN 3.8 V to 45 V (47 V Absolute Maximum)
Output: Fixed 3.3 V, 5 V, or Adjustable From
1.5 V - 15 V with ±0.8% Accuracy
Fixed 2.2 MHz or 440 kHz Switching Frequency
with ±5% Accuracy
High-Side and Low-Side Gate Drive With Slew
Rate Control
Optional Frequency Shift by Varying an Analog
Voltage or RT Resistor
Optional Synchronization to an External Clock
Optional Spread Spectrum
Shutdown Mode IQ: 10 µA Typical
Low Standby Mode IQ: 35 µA Typical
75 mV Current Limit Threshold with ±0.9%
Accuracy
External Resistor or DCR Current Sensing
Output Enable Logic Input
Hiccup Mode for Sustained Overload
Power Good Indication Output
Selectable Diode Emulation or Forced Pulse
Width Modulation
QFN-24 Package with Wettable Flanks
Create a Custom Design Using the LM25141 With
the WEBENCH® Power Designer
2 Applications
Medical Equipment
Industrial Programmable Logic Controller
Industrial PC
Embedded PC
3 Description
The LM25141 is a synchronous buck controller,
intended
for
high
voltage
wide
VIN step-down
converter applications. The control method is peak
current mode control. Current mode control provides
inherent line feed-forward, cycle-by-cycle current
limiting,
and
ease
of
loop
compensation.
The
LM25141 features slew rate control to simplify the
compliance with EMI requirements.
The
LM25141
has
two
selectable
switching
frequencies: 2.2 MHz and 440 kHz. Gate Drivers with
Slew Rate Control that can be adjusted to reduce
EMI.
In light or no-load conditions, the LM25141 operates
in skip cycle mode for improved low power efficiency.
The LM25141 has a high voltage bias regulator with
automatic switch-over to an external bias to reduce
the IQ current from VIN. Additional features include
frequency
synchronization,
cycle-by-cycle
current
limit, hiccup mode fault protection for sustained
overload, and power good output.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM25141
QFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


유사한 부품 번호 - LM25141RGER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM25141 TI-LM25141 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25141 TI-LM25141 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25141 TI-LM25141 Datasheet
5Mb / 70P
[Old version datasheet]   LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25141 TI1-LM25141 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
More results

유사한 설명 - LM25141RGER

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com