전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPVT1215A-W5 데이터시트(PDF) 4 Page - Toppower Electronic Technology Limited

부품명 TPVT1215A-W5
상세설명  0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPVT1215A-W5 데이터시트(HTML) 4 Page - Toppower Electronic Technology Limited

  TPVT1215A-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPVT1215A-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPVT1215A-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPVT1215A-W5 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPVT-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 4 of 4
REEL PACKAGING DETAILS
LEADER SECTION
400MIN
CARRIER TAPE START
100MIN
GOODS ENCLOSURE
SECTION
TRAILER SECTION
160MIN
Product Orientation
Pin 1, located nearest to carrier drive sprocket
Reel Quantity : 500PCS
Less than 500pcs will be tube package


유사한 부품 번호 - TPVT1215A-W5

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPVT1215A-W5 TOPPOWER-TPVT1215A-W5 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
More results

유사한 설명 - TPVT1215A-W5

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5_V01 Datasheet
833Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5_17 Datasheet
208Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com