전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ISA114V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-ISA114V1
상세설명  5 V, 160 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA114V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA114V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA114V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2016
DocID025045 Rev 2
1/8
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA114V1
5 V, 160 mA non-
isolated buck converter using VIPer™ Plus -
VIPER06XS
Data brief
Features
Universal input mains range:
input voltage: 90 - 264 VAC
frequency: 45 - 65 Hz
Single-output voltage:
5 V @ 0.16 A continuous operation
Fully protected against faults (overload,
feedback disconnection and overheating)
EMI: according to EN55022-Class-B
RoHS compliant
Description
The STEVAL-ISA114V1 evaluation board
describes a 5 V- 0.15 A power supply set in buck
topology with the VIPer06XS, a new off-line high
voltage converter by STMicroelectronics,
specifically developed for non-isolated SMPS.
The features of the device include an 800 V
avalanche rugged power section, PWM operation
at 30 kHz with frequency jittering for lower EMI,
limiting current with adjustable set point, on-
board soft-start, safe auto-restart after a fault
condition and low standby power consumption.
The available protection includes a thermal
shutdown with hysteresis, delayed overload
protection and open loop failure protection. All
protection is auto-restart mode.


유사한 부품 번호 - STEVAL-ISA114V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
   12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
February 2013 Rev 1
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
   Complying with EuP Lot 6 requirements
January 2013 Rev 1
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
   12 V, 150 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
May 2014 Rev 2
More results

유사한 설명 - STEVAL-ISA114V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
   12 V, 150 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
May 2014 Rev 2
STEVAL-ISA179V1 STMICROELECTRONICS-STEVAL-ISA179V1 Datasheet
219Kb / 4P
   15 V, 0.15 A buck converter using VIPer??Plus ??VIPer0P
March 2016 Rev 1
STEVAL-ISA180V1 STMICROELECTRONICS-STEVAL-ISA180V1 Datasheet
210Kb / 4P
   12 V - 0.6 A flyback isolated converter using VIPer??Plus ??VIPer0P
July 2016 Rev 1
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
   5 V, 0.85 A flyback converter using VIPer??Plus ??VIPer01
September 2016 Rev 2
STEVAL-ISA135V1 STMICROELECTRONICS-STEVAL-ISA135V1 Datasheet
137Kb / 4P
   4 W, 12 V output, isolated flyback converter using VIPer??Plus - VIPER06HS
May 2014 Rev 2
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
   3W, 5V output, isolated flyback converter using VIPer??Plus - VIPER06HN
May 2014 Rev 2
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
   15W, 12V output, isolated flyback converter using VIPer??Plus - VIPER37HE
November 2014 Rev 2
logo
Power Integrations, Inc...
DER-49 POWERINT-DER-49 Datasheet
578Kb / 17P
   3W Non-Isolated Buck-Boost Converter using LNK305P
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
   0.5W Non-Isolated Buck-Boost Converter using the LNK302P
logo
STMicroelectronics
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
   5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
September 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com