전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS-M67K-H2L1-1-Z 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 LS-M67K-H2L1-1-Z
상세설명  Mini TOPLED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-M67K-H2L1-1-Z 데이터시트(HTML) 3 Page - OSRAM GmbH

  LS-M67K-H2L1-1-Z Datasheet HTML 1Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 2Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 3Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 4Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 5Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 6Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 7Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 8Page - OSRAM GmbH LS-M67K-H2L1-1-Z Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Version 1.3
LS M67K
2014-10-30
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 100
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
T
j
125
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
20
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
I
FM
100
mA
Reverse voltage
2) page 19
Sperrspannung 2) Seite 19
(T
S = 25 °C)
V
R
12
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM)
V
ESD
up to 2
kV


유사한 부품 번호 - LS-M67K-H2L1-1-Z

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LS-M67K OSRAM-LS-M67K Datasheet
500Kb / 20P
   white SMT package, colorless clear resin
More results

유사한 설명 - LS-M67K-H2L1-1-Z

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
   Mini TOPLED
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
   Mini TOPLED
logo
OSRAM GmbH
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
   Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
   Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
   Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
   Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
   Mini TOPLED
LSM670 OSRAM-LSM670 Datasheet
478Kb / 19P
   Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
   Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
   Mini TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com