전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4919MM 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM4919MM
상세설명  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4919MM 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4919MM Datasheet HTML 2Page - National Semiconductor (TI) LM4919MM Datasheet HTML 3Page - National Semiconductor (TI) LM4919MM Datasheet HTML 4Page - National Semiconductor (TI) LM4919MM Datasheet HTML 5Page - National Semiconductor (TI) LM4919MM Datasheet HTML 6Page - National Semiconductor (TI) LM4919MM Datasheet HTML 7Page - National Semiconductor (TI) LM4919MM Datasheet HTML 8Page - National Semiconductor (TI) LM4919MM Datasheet HTML 9Page - National Semiconductor (TI) LM4919MM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
V
DD = 1.2V, RL =16
Ω, f = 1kHz
A
V = -1, Single Ended Output
THD+N vs Output Power
V
DD = 1.2V, RL =8
Ω, f = 1kHz
A
V = -1, BTL Output
20082118
20082116
Output Power vs Supply Voltage
f = 1kHz, R
L =16
Ω,
A
V = -1, Single Ended Output
Output Powe rvs Supply Voltage
f = 1kHz, R
L =8
Ω,
A
V = -1, BTL Output
20082106
20082107
Output Power
vs Load Resistance
V
DD = 1.5V, f = 1kHz
Single Ended Output, A
V =-1
Output Power
vs Load Resistance
V
DD = 1.5V, f = 1kHz
BTL Output, A
V =-1
200821E5
200821E6
www.national.com
6


유사한 부품 번호 - LM4919MM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

유사한 설명 - LM4919MM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com