전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C24VL 데이터시트(PDF) 1 Page - Rohm

부품명 BZX84C24VL
상세설명  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BZX84C24VL 데이터시트(HTML) 1 Page - Rohm

  BZX84C24VL Datasheet HTML 1Page - Rohm BZX84C24VL Datasheet HTML 2Page - Rohm BZX84C24VL Datasheet HTML 3Page - Rohm BZX84C24VL Datasheet HTML 4Page - Rohm BZX84C24VL Datasheet HTML 5Page - Rohm BZX84C24VL Datasheet HTML 6Page - Rohm BZX84C24VL Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
  Zener Diode
Parameter
Symbol
Limits
Unit
●Absolute Maximum Rating
(Ta=25℃)
Marking
D5B
Taping Code
T116
Voltage regulation
Silicon Epitaxial Planar
Basic Ordering Unit(pcs)
3000
●Structure
8
●Application
●Packaging Specification
High reliability
www.rohm.com
1/3
2016/5/31_Rev.001
c 2016 ROHM Co., Ltd. All rights reserved.
Storage temperature
Tstg
-55~150
Power dissipation
PD
250
mW
Junction temperature
Tj
150
Embossed Tape
Reel Size(mm)
180
Small mold type
BZX84C22VL
mW
Taping Width(mm)
Packing
Data sheet
●Outline
●Inner Circuit
●Feature
PD
250


유사한 부품 번호 - BZX84C24VL

제조업체부품명데이터시트상세설명
logo
Rohm
BZX84C24VL ROHM-BZX84C24VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C24VL ROHM-BZX84C24VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C24VL ROHM-BZX84C24VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C24VL ROHM-BZX84C24VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C24VL ROHM-BZX84C24VL Datasheet
989Kb / 7P
   Zener Diode
More results

유사한 설명 - BZX84C24VL

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com