전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C27VL 데이터시트(PDF) 2 Page - Rohm

부품명 BZX84C27VL
상세설명  Zener Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BZX84C27VL 데이터시트(HTML) 2 Page - Rohm

  BZX84C27VL Datasheet HTML 1Page - Rohm BZX84C27VL Datasheet HTML 2Page - Rohm BZX84C27VL Datasheet HTML 3Page - Rohm BZX84C27VL Datasheet HTML 4Page - Rohm BZX84C27VL Datasheet HTML 5Page - Rohm BZX84C27VL Datasheet HTML 6Page - Rohm BZX84C27VL Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet
BZX84C2V4L
2.200
2.600
5
50
1.0
100
5
-3.0
0.0
5
BZX84C2V7L
2.500
2.900
5
20
1.0
100
5
-3.0
0.0
5
BZX84C3V0L
2.800
3.200
5
10
1.0
95
5
-3.0
0.0
5
BZX84C3V3L
3.100
3.500
5
5
1.0
95
5
-3.0
0.0
5
BZX84C3V6L
3.400
3.800
5
5
1.0
90
5
-3.0
0.0
5
BZX84C3V9L
3.700
4.100
5
3
1.0
90
5
-3.0
0.0
5
BZX84C4V3L
4.000
4.600
5
3
1.0
90
5
-3.0
0.0
5
BZX84C4V7L
4.400
5.000
5
3
2.0
80
5
-2.5
1.1
5
BZX84C5V1L
4.800
5.400
5
2
2.0
60
5
-1.5
2.6
5
BZX84C5V6L
5.200
6.000
5
1
2.0
40
5
-1.0
3.1
5
BZX84C6V2L
5.800
6.600
5
3
4.0
10
5
0.9
3.8
5
BZX84C6V8L
6.400
7.200
5
2
4.0
15
5
1.5
4.5
5
BZX84C7V5L
7.000
7.900
5
1
5.0
15
5
2.2
5.0
5
BZX84C8V2L
7.700
8.700
5
1
5.0
15
5
3.2
6.1
5
BZX84C9V1L
8.500
9.600
5
1
6.0
15
5
3.9
6.9
5
BZX84C10VL
9.400
10.600
5
0
7.0
20
5
5.0
8.0
5
BZX84C11VL
10.400 11.600
5
0
8.0
20
5
5.8
8.8
5
BZX84C12VL
11.400 12.700
5
0
8.0
25
5
6.8
9.8
5
BZX84C13VL
12.400 14.100
5
0
8.0
30
5
7.9
11.0
5
BZX84C15VL
13.800 15.600
5
0
10.0
30
5
9.4
12.6
5
BZX84C16VL
15.300 17.100
5
0
11.0
40
5
11.0
14.3
5
BZX84C18VL
16.800 19.100
5
0
13.0
45
5
12.6
15.8
5
BZX84C20VL
18.800 21.200
5
0
14.0
55
5
14.3
17.3
5
BZX84C22VL
20.800 23.300
5
0
15.0
55
5
15.8
19.3
5
BZX84C24VL
22.800 25.600
5
0
17.0
70
5
17.3
22.6
5
BZX84C27VL
25.100 28.900
2
0
19.0
80
2
19.3
25.8
2
BZX84C30VL
28.000 32.000
2
0
21.0
80
2
22.6
28.5
2
BZX84C33VL
31.000 35.000
2
0
23.0
80
2
25.8
31.1
2
BZX84C36VL
34.000 38.000
2
0
25.0
90
2
28.5
34.0
2
BZX84C2V4L
D3C
BZX84C10VL
D3T
BZX84C2V7L
D3D
BZX84C11VL
D3U
BZX84C3V0L
D3E
BZX84C12VL
D3V
BZX84C3V3L
D3F
BZX84C13VL
D3W
BZX84C3V6L
D3G
BZX84C15VL
D3X
BZX84C3V9L
D3H
BZX84C16VL
D3Y
BZX84C4V3L
D3J
BZX84C18VL
D3Z
BZX84C4V7L
D3K
BZX84C20VL
D5A
BZX84C5V1L
D3L
BZX84C22VL
D5B
BZX84C5V6L
D3M
BZX84C24VL
D5C
BZX84C6V2L
D3N
BZX84C27VL
D5D
BZX84C6V8L
D3P
BZX84C30VL
D5E
BZX84C7V5L
D3Q
BZX84C33VL
D5F
BZX84C8V2L
D3R
BZX84C36VL
D5G
BZX84C9V1L
D3S
-
MAX.
VR(V)
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
P/N
2/3
2016/5/31_Rev.001
Marking
P/N
Marking
●Marking
MAX.
BZX84C22VL
●Electrical Characteristic (T
a = 25ºC)
P/N
Symbol
Zener Voltage:VZ(V)
Reverse Current
:IR(μA)
Zener Impedance
:ZZK(Ω)
Temperature Coefficient
:γ
Z(mV/℃)
Tol. approx. ±5%
Iz(mA)
MIN.
MAX.
Iz(mA)
MIN.
MAX.
Iz(mA)


유사한 부품 번호 - BZX84C27VL

제조업체부품명데이터시트상세설명
logo
Rohm
BZX84C27VL ROHM-BZX84C27VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C27VL ROHM-BZX84C27VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C27VL ROHM-BZX84C27VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C27VL ROHM-BZX84C27VL Datasheet
989Kb / 7P
   Zener Diode
BZX84C27VL ROHM-BZX84C27VL Datasheet
989Kb / 7P
   Zener Diode
More results

유사한 설명 - BZX84C27VL

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com