전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-LDO001V1 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STEVAL-LDO001V1
상세설명  Wireless sensor networks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LDO001V1 데이터시트(HTML) 5 Page - STMicroelectronics

  STEVAL-LDO001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STEVAL-LDO001V1
Pin and connector configuration
DocID030374 Rev 1
5/7
3
Pin and connector configuration
Table 2: Connector_1 pinout (CN1)
U1 Pin
4_Vin
4_Vin
1_GM
2_GND
2_GND
3_EN
6_Vout
6_Vout
CN1 upper
strip
2_Vin_s
4_Vin_f
6_GM
8_GND
10_GND
12_EN
14_Vout_f
16_Vout_s
CN1 down
strip
1_Vin_s
3_Vin_f
5_GM
7_GND
9_GND
11_EN
13_Vout_f
15_Vout_s
Table 3: Connector_2 pinout (CN2)
U2 Pin
6_Vin
6_Vin
3_GND
3_GND
4_EN
1_Vout
1_Vout
CN2 upper
strip
2_Vin_s
4_Vin_f
6_NC
8_GND
10_GND
12_EN
14_Vout_f
16_Vout_s
CN2 down
strip
1_Vin_s
3_Vin_f
5_NC
7_GND
9_GND
11_EN
13_Vout_f
15_Vout_s
Table 4: Connector_3 pinout (CN3)
U3 Pin
2_Vin
2_Vin
4_GND
4_GND
1_EN
3_Vout
3_Vout
CN3 upper
strip
2_Vin_s
4_Vin_f
6_NC
8_GND
10_GND
12_EN
14_Vout_f
16_Vout_s
CN3 down
strip
1_Vin_s
3_Vin_f
5_NC
7_GND
9_GND
11_EN
13_Vout_f
15_Vout_s
Table 5: Connector_4 pinout (CN4)
U4 Pin
A1_Vin
A1_Vin
B2_GND
B2_GND
B1_EN
A2_Vout
A2_Vout
CN4 upper
strip
2_Vin_s
4_Vin_f
6_NC
8_GND
10_GND
12_EN
14_Vout_f
16_Vout_s
CN4 down
strip
1_Vin_s
3_Vin_f
5_NC
7_GND
9_GND
11_EN
13_Vout_f
15_Vout_s


유사한 부품 번호 - STEVAL-LDO001V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-L3751V12 STMICROELECTRONICS-STEVAL-L3751V12 Datasheet
13Mb / 6P
   75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
Rev 1 - August 2022
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
STEVAL-LLL001V1 STMICROELECTRONICS-STEVAL-LLL001V1 Datasheet
527Kb / 5P
   RoHS compliant
November 2016 Rev 2
STEVAL-LLL005V1 STMICROELECTRONICS-STEVAL-LLL005V1 Datasheet
366Kb / 6P
   60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app
Rev 1 - January 2018
More results

유사한 설명 - STEVAL-LDO001V1

제조업체부품명데이터시트상세설명
logo
Laird Tech Smart Techno...
PAV69278I LSTD-PAV69278I Datasheet
821Kb / 3P
   in-building wireless networks
PAV69278PI LSTD-PAV69278PI Datasheet
261Kb / 3P
   In?륿uilding Wireless Networks
logo
List of Unclassifed Man...
RT3070 ETC1-RT3070 Datasheet
1Mb / 60P
   IEEE802.11 b/g/n Wireless Local Area Networks
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129 Datasheet
35Kb / 1P
   13,56MHz Wireless Sensor Tag
logo
Keysight Technologies
N6841ARF KEYSIGHT-N6841ARF Datasheet
4Mb / 19P
   RF Sensor for Signal Monitoring Networks
logo
Dorji Industrial Group ...
DRF5150S DORJI-DRF5150S Datasheet
251Kb / 10P
   Wireless Sensor Transmitter Module
logo
List of Unclassifed Man...
TGP-751 ETC2-TGP-751 Datasheet
1Mb / 35P
   ThermoHarvesting Wireless Sensor System
logo
ON Semiconductor
SPS1M001 ONSEMI-SPS1M001 Datasheet
94Kb / 6P
   Battery Free Wireless Sensor
February, 2018 ??Rev. P3
logo
National Instruments Co...
WSN-3280 NI-WSN-3280 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
logo
Keysight Technologies
N6841A KEYSIGHT-N6841A Datasheet
4Mb / 19P
   N6841A RF Sensor for Signal Monitoring Networks
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com